Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 2 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 2 Page - ams AG

  AS3695C Datasheet HTML 1Page - ams AG AS3695C Datasheet HTML 2Page - ams AG AS3695C Datasheet HTML 3Page - ams AG AS3695C Datasheet HTML 4Page - ams AG AS3695C Datasheet HTML 5Page - ams AG AS3695C Datasheet HTML 6Page - ams AG AS3695C Datasheet HTML 7Page - ams AG AS3695C Datasheet HTML 8Page - ams AG AS3695C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
www.austriamicrosystems.com
AS3695C
16 channel white LED controller for LCD backlight
General Description
The AS3695C is a 16 channels precision LED controll
for driving external FET/BJT in LCD-
Dynamic power feedback controls the ext
supply to guarantee best efficiency. Build in safety
features include thermal shutdown as well as open and
short LED detection. The device is programmable via
serial interface.
16 Channel LED driver
Output voltage max. 30V
Output current only limited by external
Linear current setting using 10-bit DAC
Current accuracy ±0.5% @ VDAC=250mV
Channel to Channel current accuracy ±0.2%
BJT base current compensation
Output slew rate programmable
Current programmable with external resistor
Digital current control with 16 independent PWM
generators
Free programmable 12 bit resolution
( period, high time and delay )
1
Block diagram
Rev 1.11 / 2010-12-08
1 - 39
16 channel white LED controller for LCD backlight
eneral Description
is a 16 channels precision LED controller
-backlight panels.
Dynamic power feedback controls the external power
best efficiency. Build in safety
include thermal shutdown as well as open and
detection. The device is programmable via
Output current only limited by external transistor
bit DAC
Current accuracy ±0.5% @ VDAC=250mV
accuracy ±0.2%
BJT base current compensation
Output slew rate programmable
Current programmable with external resistor
ntrol with 16 independent PWM
12 bit resolution
Product Specification, Confidential
PWM-generator clock
Internal RC-oscillator
External Clock
PLL-synthesized clock from external
H-Sync, V-Sync inputs to synchronize with TV
Direct PWM mode
Undervoltage detection ( open LED )
Undervoltage auto-turnoff
Overvoltage detection ( short LED )
Overvoltage auto-turnoff
Temperature shutdown
Register lock/unlock function
Fault interrupt output
2 configurable supply regulation feedback outputs
SPI interface
4kV ESD at voltage sense inputs
2kV ESD an all other pins
Package QFN64 9x9mm, 0.5
LQFP64 14x14mm, 0.8
Applications
LED backlighting for LCD
monitors
AS3695C
PWM
D1
PWM
VDD
V2_5
S1
xFAULT
VDD
VDD
xRES
xCS
FB1
FB2
VSS_SENSE
VSSA
SDI
SCL SDO
EPAD
HSYNC VSYNC
G1
PWM
D2
S2
G2
PWM
D3
S3
G3
PWM
D4
S4
G4
PWM
D5
S5
G5
PWM
D6
S6
G6
PWM
D7
S7
G7
PWM
D8
S8
G8
D16
S16
G16
PWM
D15
S15
G15
PWM
D14
S14
G14
PWM
D13
S13
G13
PWM
D12
S12
G12
PWM
D11
S11
G11
PWM
D10
S10
G10
PWM
D9
S9
G9
SPI
Interface
Registers
SMPS
feedback
Fault detectors
Reference
DAC
Filt1
Filt2
PLL
39
Product Specification, Confidential
oscillator
synthesized clock from external signal
Sync inputs to synchronize with TV-set
Undervoltage detection ( open LED )
turnoff
Overvoltage detection ( short LED )
turnoff
Temperature shutdown
Register lock/unlock function
2 configurable supply regulation feedback outputs
kV ESD at voltage sense inputs
2kV ESD an all other pins
mm, 0.5mm pitch
LQFP64 14x14mm, 0.8mm pitch
LED backlighting for LCD – TV sets and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com