Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 15 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 15 Page - ams AG

Back Button AS3695C Datasheet HTML 11Page - ams AG AS3695C Datasheet HTML 12Page - ams AG AS3695C Datasheet HTML 13Page - ams AG AS3695C Datasheet HTML 14Page - ams AG AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG AS3695C Datasheet HTML 17Page - ams AG AS3695C Datasheet HTML 18Page - ams AG AS3695C Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
14 - 39
4.2.7 PLL
The PLL frequency synthesizer can be used to generate PWM-clock frequencies fclk between 125kHz
and 2MHz derived from input frequencies between 60HZ and 480Hz.
The VCO frequency can be calculated:
4
32
The output frequency can be calculated:
4
32
/
where:
Range
fin
Input frequency
60 Hz – 480Hz
fclk
Output frequency
125kHz – 2MHz
fVCO
VCO frequency
1MHz – 2MHz
NCdiv
counter
35 - 2051
ACdiv
counter
0 - 31
ODdiv
Output divider
1,2,3,4,6,8
The main blocks of the PLL are the Phase-Frequency-Detector, the Loop Filter, the VCO and the
divider.
4.2.7.1
Phase-Frequency-Detector (PFD)
The block diagram of the phase-frequency-comparator is shown below. The output signal on pin “Filt1”
is a switched current source ( ICP ) which is sinking or sourcing current depending of the frequency and
phase difference of fin and fVCO/M.
fin
Filt1
Filt2
VCO
NCdiv
fvco
35-2051
Loop Filter
ODdiv
fclk
PFD
1,2,3,4,6,8
1MHz - 2MHz
ACdiv
0-31
C0
R1
C1
fin
fvco/M
Filt1
SW1
SW2
D
Q
R
D
Q
R
C0
ICP
ICP
fin
fvco/N
SW1
Filt1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com