Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 17 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 17 Page - ams AG

Back Button AS3695C Datasheet HTML 13Page - ams AG AS3695C Datasheet HTML 14Page - ams AG AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG AS3695C Datasheet HTML 17Page - ams AG AS3695C Datasheet HTML 18Page - ams AG AS3695C Datasheet HTML 19Page - ams AG AS3695C Datasheet HTML 20Page - ams AG AS3695C Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
16 - 39
4.2.8 Registers in PWM-generators
RegAddr: 0x11
PWMREV1
Bit
Name
Description
Default
Acc
ess
7:0
PWMrev
1 - 8
Selects PWM inverted operation for outputs 1 to 8
0...PWM normal
1... PWM inverted
00000000
r/w
RegAddr: 0x12
PWMREV2
Bit
Name
Description
Default
Acc
ess
7:0
PWMrev
9 - 16
Selects PWM inverted operation for outputs 9 to 16
0...PWM normal
1... PWM inverted
00000000
r/w
RegAddr: 0x13
PWMCTRL
Bit
Name
Description
Default
Acc
ess
7
FaultDetDly
Sets delay time between PWM=1 and fault detection start
0...120us
1...60us
0
r/w
6
DelayStart
Defines when new PWM-Delay value takes effect
0...Delay values are updated every VSYNC pulse
1...Delay values are updated on the next VSYNC pulse only if
HighTime or Delay value has been changed.
0
r/w
5
ClockSrc1
Clock source for internal PWM-generators
0..internal RC oscillator or HSYNC ( depending on ClockSrc0 )
1...PLL output
0
r/w
4
VSYNCdet
Enable VSYNC detection
0...VSYNC-detection OFF
1... VSYNC-detection ON. All current outpts are turned off if
VSYNC signal is missing for 100ms
0
r/w
3
VSYNCedge
Defines VSYNC trigger edge
0...VSYNC trigger on rising edge
1...VSYNC trigger on falling edge
0
r/w
2
PWMext
Select external or internal PWM signal
0...PWM signal is generated internally
1...PWM signal is applied externally at pin VSYNC
0
r/w
1
UpdateMode
Defines when internal registers are updated
0...Registers updated with rising edge of xCS
1...Registers updated with next VSYNC-edge
0
r/w
0
ClockSrc0
Clock source for internal PWM-generators
0..internal RC oscillator
1...External Pin HSYNC
Note: This bit only takes effect when ClockSrc1 = 0
0
r/w
RegAddr:
PWMperiod
0x15
0x14
Bit
Bit
Description
Default
Access
3:0
7:0
PWMper[11:0] sets PWM period
0x00, 0x00
r/w
RegAddr:
PWM1delay
0x17
0x16
Bit
Bit
Description
Default
Access
3:0
7:0
PWM1del[11:0] sets PWM1 delay
0x00, 0x00
r/w
RegAddr:
PWM2delay
0x19
0x18
Bit
Bit
Description
Default
Access
3:0
7:0
PWM2del[11:0] sets PWM2 delay
0x00, 0x00
r/w
RegAddr:
PWM3delay
0x1B
0x1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com