Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 35 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 35 Page - ams AG

Back Button AS3695C Datasheet HTML 31Page - ams AG AS3695C Datasheet HTML 32Page - ams AG AS3695C Datasheet HTML 33Page - ams AG AS3695C Datasheet HTML 34Page - ams AG AS3695C Datasheet HTML 35Page - ams AG AS3695C Datasheet HTML 36Page - ams AG AS3695C Datasheet HTML 37Page - ams AG AS3695C Datasheet HTML 38Page - ams AG AS3695C Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
34 - 39
37
Filt2
AIO
PLL loop filter. Connect to GND if PLL is not used
38
Filt1
AIO
PLL loop filter. Connect to GND if PLL is not used
39
VSYNC
DI-PD
Vertical sync frequency
40
HSYNC
DI-PD
Clock input for PWM generators
41
xCS
DI-PU
SPI interface chip select
42
SDO
DO
SPI interface data output. Tristate output
43
SCL
DI-PD
SPI interface clock
44
SDI
DI-PD
SPI interface data input
45
D8
AIO
Connect to Drain of external Transistor
46
S8
AIO
Connect to Source of External Transistor and to Resistor RSET
47
G8
AIO
Connect to Gate of External Transistor
48
G7
AIO
Connect to Gate of External Transistor
49
S7
AIO
Connect to Source of External Transistor and to Resistor RSET
50
D7
AIO
Connect to Drain of external Transistor
51
D6
AIO
Connect to Drain of external Transistor
52
S6
AIO
Connect to Source of External Transistor and to Resistor RSET
53
G6
AIO
Connect to Gate of External Transistor
54
G5
AIO
Connect to Gate of External Transistor
55
S5
AIO
Connect to Source of External Transistor and to Resistor RSET
56
D5
AIO
Connect to Drain of external Transistor
57
D4
AIO
Connect to Drain of external Transistor
58
S4
AIO
Connect to Source of External Transistor and to Resistor RSET
59
G4
AIO
Connect to Gate of External Transistor
60
G3
AIO
Connect to Gate of External Transistor
61
S3
AIO
Connect to Source of External Transistor and to Resistor RSET
62
D3
AIO
Connect to Drain of external Transistor
63
D2
AIO
Connect to Drain of external Transistor
64
S2
AIO
Connect to Source of External Transistor and to Resistor RSET
EP
VSSA
AIO
Exposed PAD. Connect to VSSA ( QFN package only )
Note: If an output channel X is not used, short Gx and Sx, leave Dx open.
AIO
Analog Pin
DI
Digital input
DI-PU
Digital input with pull up resistor
DI-PD
Digital input with pull down resistor
DO
Digital output
DO-OD
Digital output open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com