Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 12 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 12 Page - ams AG

Back Button AS3695C Datasheet HTML 8Page - ams AG AS3695C Datasheet HTML 9Page - ams AG AS3695C Datasheet HTML 10Page - ams AG AS3695C Datasheet HTML 11Page - ams AG AS3695C Datasheet HTML 12Page - ams AG AS3695C Datasheet HTML 13Page - ams AG AS3695C Datasheet HTML 14Page - ams AG AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
11 - 39
10...3us
11...1us
RegAddr: 0x09
SHORTLED1
Bit
Name
Description
Default
Acc
ess
7:0
SHORTLED
1 - 8
Indicates short LED condition on outputs 1 to 8
0...no short LED detected
1... short LED detected
00000000
r/w
RegAddr: 0x0A
SHORTLED2
Bit
Name
Description
Default
Acc
ess
7:0
SHORTLED
9 - 16
Indicates short LED condition on outputs 9 to 16
0...no short LED detected
1... short LED detected
00000000
r/w
RegAddr: 0x0B
OPENLED1
Bit
Name
Description
Default
Acc
ess
7:0
OPENLED
1 - 8
Indicates open LED condition on outputs 1 to 8
0...no open LED detected
1... open LED detected
00000000
r/w
RegAddr: 0x0C
OPENLED2
Bit
Name
Description
Default
Acc
ess
7:0
OPENLED
9 - 16
Indicates open LED condition on outputs 9 to 16
0...no open LED detected
1... open LED detected
00000000
r/w
RegAddr:
DAC
0x0E
0x0D
Bit
Bit
Description
Default
Access
1:0
7:0
DAC[9:0] defines DADC output voltage
DACvoltage = DAC[9:0]* DACref/1024
1000000000
r/w
4.2
PWM-generators
4.2.1 Clock and reset
The clock for the build in PWM-generators can be one of three different sources.
1.
Internal RC oscillator with 500KHz +-20%
RefClk
Filt1
Filt2
NCdiv
PLL
125kHz - 2MHz
ACdiv
ODdiv
16 x PWM - generator
Vsync
60 - 480Hz
Hsync
PWMx
Reverse
Delay
High Time
PWMper
Periode
SDO
SCLK
SDI
xCS
ClockSrc0
PWMext
:
:
PWM16del
clk
res
VSYNCedge
UpdateMode
VSYNCdet
RC-Oscillator
500kHz ±20%
detect
Vsync
SPI
interface
PWM15del
PWM2del
PWM1del
PWMrev
:
:
PWM16HT
PWM15HT
PWM2HT
PWM1HT
ClockSrc1
C0
R1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com