Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 23 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 23 Page - ams AG

Back Button AS3695C Datasheet HTML 19Page - ams AG AS3695C Datasheet HTML 20Page - ams AG AS3695C Datasheet HTML 21Page - ams AG AS3695C Datasheet HTML 22Page - ams AG AS3695C Datasheet HTML 23Page - ams AG AS3695C Datasheet HTML 24Page - ams AG AS3695C Datasheet HTML 25Page - ams AG AS3695C Datasheet HTML 26Page - ams AG AS3695C Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
22 - 39
4.3
Power supply
4.4
Safety features
4.4.1 Temperature shutdown
If OTturnoff = 1 the outputs of the device are turned off when the die temperature reaches 140°C. If the
die temperature goes below 130°C the outputs are turned on again.
4.4.2 xRES input
In addition to the build in power on reset circuit there is an external reset input “xRES” available. This
gives the possibility to keep the outputs turned off until all blocks of the LED-driver circuits are fully
working ( DCDC, MCU ... )
4.4.3 Register Lock/Unlock
To prevent wrong writing to registers due to noise on the serial interface a lock/unlock mechanism is
implemented.
Register 0x01, 0x02, 0x03, 0x04, 0x05, 0x06, 0x07, 0x08, 0x13 , 0x61, 0x62, 0x63 belong to Group1
and can only be written if Group1 is unlocked by the “LOCKUNLOCK”-byte (Reg: 0x36 )
Register 0x0D, 0x0E, 0x11, 0x12, 0x14, 0x15 belong to Group2 and can only be written if Group2 is
unlocked by the “LOCKUNLOCK”-byte (Reg: 0x36 )
The default value of the Groups is locked.
4.5
Reference circuit
The reference circuit generates an internal supply voltage of 2.5V for the digital logic.
RegAddr: 0x58
STATUS
Bit
Name
Description
Default
Acc
ess
7
STATnosync
Sync detector status
0...no sync fault
1...sync fault. VSYNC was missed for > 100ms
0
r
6
STATOT
Overtermperature status
0...no overtemperature
1...overtemperature
0
r
5
STATopen
Status open LED detection
0...no open LED detected
1...opdn LED detected
0
r
4
STATshort
Status short LED detection
0...no short LED detected
1...short LED detected
0
r
3
Not used
0
VDD
LDO
2.5V digital supply
V2_5
AGND
4.0V to 5.5V analog supply
POR
Temp
xRES
Toff_OverT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com