Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 3 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 3 Page - ams AG

  AS3695C Datasheet HTML 1Page - ams AG AS3695C Datasheet HTML 2Page - ams AG AS3695C Datasheet HTML 3Page - ams AG AS3695C Datasheet HTML 4Page - ams AG AS3695C Datasheet HTML 5Page - ams AG AS3695C Datasheet HTML 6Page - ams AG AS3695C Datasheet HTML 7Page - ams AG AS3695C Datasheet HTML 8Page - ams AG AS3695C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
2 - 39
2
Typical application
( Epad )
FB2
VDD
VDD
SDI
Vref
16x Precision current sink
V2_5
VSS_Sense
Power Supply
Vin
AS3695C
16 output
SPI
SCLK
xCS
16 x PWM
SDO
xFault
FB1
HSYNC
VSYNC
xRES
S1
Vdcdc
Cfb
Rfb
VDD
D1
4.7uF
2.2uF
channels
10uF
S16
VSSA
VSSA
Rfb
Cfb
10uF
G1
S2
D2
G2
S15
D15
G15
D16
G16
Filt1
PLL
Filt2
C0
R1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com