Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 4 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 4 Page - ams AG

  AS3695C Datasheet HTML 1Page - ams AG AS3695C Datasheet HTML 2Page - ams AG AS3695C Datasheet HTML 3Page - ams AG AS3695C Datasheet HTML 4Page - ams AG AS3695C Datasheet HTML 5Page - ams AG AS3695C Datasheet HTML 6Page - ams AG AS3695C Datasheet HTML 7Page - ams AG AS3695C Datasheet HTML 8Page - ams AG AS3695C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
3 - 39
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in
Section “Electrical Characteristics” is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
Note
Electrical Parameters
VDDMAX
Supply voltage
-0.3
7
V
Applicable for pin VDD
VIN_2.5V
Maximum voltage
-0.3
2.8
V
Applicable for 2.5V pins
(1)
VIN_5V
Maximum voltage
-0.3
VDD
+0.3V
V
Applicable for 5V pins
(2)
VIN_30V
Maximum voltage
-0.3
30
V
Applicable for 30V pins
(3)
Ilatch
Latch-Up immunity
-100
+100
mA
Norm: JEDEC 78
Electrostatic Discharge
VESD_LV
Electrostatic Discharge on all 5V
pins
(1)
-2000
2000
V
Norm: MIL 883 E Method 3015
Human body model
VESD_HV
Electrostatic Discharge on 30V
pins
(2) against GND
-4000
4000
V
Norm: MIL 883 E Method 3015
Human body model
Continous Power Dissipation ( TA = +70°C )
Continous Power Dissipation
1.5
W
PT
(4) for QFN64 Package
Continous Power Dissipation
Derating factor
33
mW/°
C
PDERATE
(5)
Temperature Ranges and Storage Conditions
TJ
Junctions temperature
+150
°C
TSTRG
Storage Temperature Range
-55
+150
°C
TBODY
Package body temperature
260
°C
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020
“Moisture/Reflow SensitivityClassification
for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte
tin (100% Sn).
Humidity non condensing
5
85
%
Moisture Sensitive Level
3
Represents a max. floor life time of
168h
Note: (1) Pins V2_5, Filt1, Filt2
(2) Pins xRES, SDI, SCLK, SDO, xCS, VSYNC, HSYNC, VDD, xFault, FB1, FB2, G1-G16, S1-D16
(3) Pins D1 – D16
(4) Depending on actual PCB layout and PCB used
(5) PDERATE derating factor changes the total continuous power dissipation (PT) if the ambient
temperature is not 70ºC. Therefore for e.g. TA=85ºC calculate PT at 85ºC = PT - PDERATE x (85ºC - 70ºC)
3.2
Operating Conditions
3.2.1 General
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rthja
Thermal resistance
junction – ambient
See chapter “Thermal characteristics”
°C/W
Tcase
Case Temperatur
-20
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com