Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 22 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 18Page - Microchip Technology PAC1921 Datasheet HTML 19Page - Microchip Technology PAC1921 Datasheet HTML 20Page - Microchip Technology PAC1921 Datasheet HTML 21Page - Microchip Technology PAC1921 Datasheet HTML 22Page - Microchip Technology PAC1921 Datasheet HTML 23Page - Microchip Technology PAC1921 Datasheet HTML 24Page - Microchip Technology PAC1921 Datasheet HTML 25Page - Microchip Technology PAC1921 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 22
 2015 Microchip Technology Inc.
3.3
OPERATING MODE
3.3.1
SMBus Mode
By default, the evaluation board is configured so that the PAC1921 operates in SMBus
mode with an SMBus address of, 1001_100xb (98h). The address can be changed to
1001_101xb (9Ah) by moving jumper J8 to position 2-3. Cycle power to the evaluation
board in order for the change to take effect.
3.4
LED INDICATORS
LED locations are indicated in Figure 3-1.
FIGURE 3-1:
LED Indicator Locations.
LEDs indicate the status of the signals, as described in Table 3-1:
TABLE 3-1:
LED STATUS INDICATORS
LED
Signal
OFF
Green
Red
LD1
VDD Power
VDD is not present
N/A
VDD is present
LD2
+5V USB Power
USB power is not present
N/A
+5V USB power is
present
LD6
READ/INT
Pin is not asserted
(Read State)
Pin is asserted
(Integrate State)
N/A
LED 1
VDD Power
LED 2
USB Power
LED 6
READ/INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com