Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 36 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 32Page - Microchip Technology PAC1921 Datasheet HTML 33Page - Microchip Technology PAC1921 Datasheet HTML 34Page - Microchip Technology PAC1921 Datasheet HTML 35Page - Microchip Technology PAC1921 Datasheet HTML 36Page - Microchip Technology PAC1921 Datasheet HTML 37Page - Microchip Technology PAC1921 Datasheet HTML 38Page - Microchip Technology PAC1921 Datasheet HTML 39Page - Microchip Technology PAC1921 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 36
 2015 Microchip Technology Inc.
4.3.3
Calculations/File IO Tab
The Calculations/File IO tab, shown in Figure 4-15, displays register data (in decimal
by default). It also shows calculated results which were obtained by applying the data
sheet equations to the register data.
FIGURE 4-15:
Calculations/File IO Tab.
An example of using the equations to calculate power is as follows.
The value of one LSB in the VPOWER Result registers, in watts, can be calculated
according to Equation 4-1.
EQUATION 4-1:
LSB CALCULATION
1LSB
0.1V
R
DI_GAIN
----------------------------------------
32V
DV_GAIN
---------------------------
1023 2
6
--------------------------------------------------------------------------
=
Where:
1LSB
=
LSB value in watts for VPOWER Result Registers 1Dh and 1Eh
0.1V
=
Maximum VSENSE voltage
R=
Value of RSENSE resistor in ohms
DI_GAIN
=
Digital current gain
32V/DV_GAIN
=
Maximum voltage
1023
=
(210 – 1) = 10-bit FSR
26
=
Adjustment for 6 unused register bits when read as a 16-bit number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com