Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 27 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 23Page - Microchip Technology PAC1921 Datasheet HTML 24Page - Microchip Technology PAC1921 Datasheet HTML 25Page - Microchip Technology PAC1921 Datasheet HTML 26Page - Microchip Technology PAC1921 Datasheet HTML 27Page - Microchip Technology PAC1921 Datasheet HTML 28Page - Microchip Technology PAC1921 Datasheet HTML 29Page - Microchip Technology PAC1921 Datasheet HTML 30Page - Microchip Technology PAC1921 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
PAC1921
HIGH-SIDE CURRENT/POWER SENSOR
EVALUATION BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002376A-page 27
Chapter 4. Software Description
4.1
OVERVIEW
To get the Graphical User Interface (GUI) and the Evaluation Board (EVB) running,
follow these instructions:
1. Start the PAC1921 GUI software: from the Windows Start menu, select
Programs>PAC1921.
2. Connect the USB mini connector end of the cable to the board and the standard
USB connector of the cable to any available USB port on the PC. The VDD and
USB power LEDs (LD1 and LD2, respectively) will illuminate RED, indicating that
the PAC1921 is powered up and the MCP2221 USB bridge is connected to the PC.
The PAC1921 High-Side Current/Power Sensor Evaluation Board Graphical User
Interface (GUI) is shown in Figure 4-1.
FIGURE 4-1:
GUI Interface Panel.
Panel Control
Main Configuration Panel
Panel and Integration Control
Rsense Option Panel
EVB Demo Configuration Panel
Configuration/View Tabs
Overflow Status Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com