Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 25 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 21Page - Microchip Technology PAC1921 Datasheet HTML 22Page - Microchip Technology PAC1921 Datasheet HTML 23Page - Microchip Technology PAC1921 Datasheet HTML 24Page - Microchip Technology PAC1921 Datasheet HTML 25Page - Microchip Technology PAC1921 Datasheet HTML 26Page - Microchip Technology PAC1921 Datasheet HTML 27Page - Microchip Technology PAC1921 Datasheet HTML 28Page - Microchip Technology PAC1921 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Hardware Description
 2015 Microchip Technology Inc.
DS50002376A-page 25
3.7
DEMO MODE SETUP AND OPERATION
Demo mode uses an on-board current source to exercise and demonstrate the features
of the PAC1921 power monitor. The 100 mV constant-current source is provided using
a +5V USB as the supply. Parallel sense resistors are provided to convert the current
to a corresponding voltage for the PAC1921 to read at the SENSE+ and SENSE-
inputs. The evaluation board is assembled with jumpers J3 and J4 positioned for Demo
mode (see Section 3.5 “Jumper Settings”). Current is controlled by the evaluation
board Demo Configuration section of the evaluation board GUI (see
Section 4.2.6 “EVB Demo Configuration Panel”).
3.8
SYS MODE SETUP AND OPERATION
Sys mode uses external current sources to exercise and demonstrate the features of
the PAC1921 power monitor.
3.8.1
Jumper Positions
To use Sys mode, reposition jumpers J3 and J4 (see Table 3-2) to disconnect the
on-board demonstration current sources.
3.8.2
Load Connection
A 5 milliohm (1% tolerance) sense resistor, connected between J1 and J2, is provided
on-board the PAC1921 evaluation board to measure system current.
Load connections to the system can be established, as shown in Figure 3-3.
..
FIGURE 3-3:
Load Connection Location.
J11 GND
Connect to
System Ground
J2 VSOURCE-
Connect to
System DC
Load or Supply
J1 VSOURCE+
Connect to
System DC
Load or Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com