Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 37 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 33Page - Microchip Technology PAC1921 Datasheet HTML 34Page - Microchip Technology PAC1921 Datasheet HTML 35Page - Microchip Technology PAC1921 Datasheet HTML 36Page - Microchip Technology PAC1921 Datasheet HTML 37Page - Microchip Technology PAC1921 Datasheet HTML 38Page - Microchip Technology PAC1921 Datasheet HTML 39Page - Microchip Technology PAC1921 Datasheet HTML 40Page - Microchip Technology PAC1921 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Software Description
 2015 Microchip Technology Inc.
DS50002376A-page 37
The power calculation using the VPOWER Result registers value from Figure 4-15 is
shown in Equation 4-2.
EQUATION 4-2:
POWER CALCULATION
4.3.3.1
CONFIGURATION SAVE AND LOAD
The Calculations/File IO tab contains controls, as shown in Figure 4-16, which save the
settings currently configured in the PAC1921 to allow quick reconfiguration at any time.
FIGURE 4-16:
Save/Load Section.
To save configuration settings, configure the PAC1921 as desired, then display the
Calculations/File IO tab. The “FF Reg File Path” box defaults to where the GUI soft-
ware is installed. To change the location, type in a path, or click the folder icon to use
a Windows® system-based navigation aid to select the folder where the configuration
file will be saved. The file should be named with the.txt extension or similar text file
format. Once a file name and location have been chosen, click the Save switch, and
the file is saved.
The data is saved in two columns, separated by tabs. The first column is the register
address and the second column is the register data.
Once a file is saved, it can be recalled at any time by selecting the file in the “FF Reg
File Path” box and clicking the Load switch.
Click the Chip Defaults switch or press the <F6> function key on the keyboard to
reload register defaults on the PAC1921.
0.1V
1
1
-----------------
32V
1
----------
1023
----------------------------------42

0.13138W
=
Where:
0.1V
=
Maximum VSENSE voltage
1
=
Value of RSENSE resistor
1
=
Digital current gain
32V/1
=
Maximum voltage
1023
=
10-bit FSR
42
=
Decimal value of VPOWER Result Registers 1Dh and 1Eh
Note: If a file with the same name already exists, the file will be overwritten
without warning and old data will be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com