Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 31 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 27Page - Microchip Technology PAC1921 Datasheet HTML 28Page - Microchip Technology PAC1921 Datasheet HTML 29Page - Microchip Technology PAC1921 Datasheet HTML 30Page - Microchip Technology PAC1921 Datasheet HTML 31Page - Microchip Technology PAC1921 Datasheet HTML 32Page - Microchip Technology PAC1921 Datasheet HTML 33Page - Microchip Technology PAC1921 Datasheet HTML 34Page - Microchip Technology PAC1921 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Software Description
 2015 Microchip Technology Inc.
DS50002376A-page 31
4.2.1.5.1
Numbering Systems Views
The “Reg Content” section allows values to be displayed using different numbering
systems: Decimal, Hex, Octal, Binary or SI Notation.
To view a value using a different numbering system, click the indicator to the left of the
value in the cell, shown circled in Figure 4-6.
FIGURE 4-6:
Numbering System Indicators.
4.2.2
Main Configuration Panel
The Main Configuration section, shown in Figure 4-7, contains the PAC1921 configu-
ration controls in registers 00h, 01h and 02h. Refer to the data sheet for register bit
descriptions.
FIGURE 4-7:
Main Configuration Panel.
4.2.2.1
ENABLE AUTO INT_EN
The “Enable Auto INT_EN” control is a GUI control convenience. Under normal
operation, for most of the integration parameter settings, changes do not take effect
until the PAC1921 is placed in the Read state. When the “Enable Auto INT_EN” control
is activated (light green – shown as “Enabled” in Figure 4-8), it automatically places the
PAC1921 into the Read state and back to Integrate state whenever a Main Configura-
tion control is changed. It also updates the GUI calculations. When the
“Enable Auto INT_EN” control is disabled (dark green), the user must place the device
in the Read state before the “I_RES”, “V_RES”, “SAMPLES”, “VSENSE FILT_EN” and
“VBUS FILT_EN” changes take effect, and to update the GUI calculations.
It is recommended that the “Enable Auto INT_EN” control be activated when using
the GUI.
FIGURE 4-8:
Enable Auto INT_EN GUI Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com