Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 24 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 20Page - Microchip Technology PAC1921 Datasheet HTML 21Page - Microchip Technology PAC1921 Datasheet HTML 22Page - Microchip Technology PAC1921 Datasheet HTML 23Page - Microchip Technology PAC1921 Datasheet HTML 24Page - Microchip Technology PAC1921 Datasheet HTML 25Page - Microchip Technology PAC1921 Datasheet HTML 26Page - Microchip Technology PAC1921 Datasheet HTML 27Page - Microchip Technology PAC1921 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 24
 2015 Microchip Technology Inc.
Jumper settings are described in Table 3-2.
3.6
TEST POINTS
The PAC1921 High-Side Current/Power Sensor Evaluation Board provides test points
for ground reference and signal access. Table 3-3 summarizes these test points.
TABLE 3-2:
JUMPER SETTINGS
Pin
Header
Label
Default Position
Alternate Position(s)
J1, J2
Vsource+, Vsource-
External power source terminals. (See Section 3.8.2 “Load Connection”.)
J3, J4
Demo Sys
Select Demo mode RSENSE+/-.
Positions 3-2 are jumpered on both
jumpers. (See Section 3.7 “Demo
Mode Setup and Operation”.)
Select Sys mode RSENSE+/-.
Positions 1-2 are jumpered on both
jumpers. (See Section 3.8 “Sys Mode
Setup and Operation”.)
J5, J6,
J7
Reserved
Reserved for future use
J8
J8 (ADDR_SEL)
(See
Section 3.3.1 “SMBus
Mode”)
In SMBus mode, sets SMBus address to
1001_100b at power-up.
Positions 1-2 are jumpered.
In SMBus mode, sets SMBus address to
1001_101b at power-up.
Positions 2-3 are jumpered.
J11
GND
Connect ground from external source for
Sys mode.
J13
GND, #READ/INT,
SMBus_DATA,
SMBus_CLK, VDD
USB bridge generates on-board 3.3V
and provides SMBus host.
Positions 1-2, 3-4, 5-6, 7-8, 9-10 are all
jumpered.
(See Section 3.2.1 “Direct SMBus
Connect Option”.)
TABLE 3-3:
TEST POINTS
Test Point
Marking
Signal Function Monitored
1
Vsense+ (orange)
SENSE+
2
Vsense- (yellow)
SENSE-
3
OUT (white)
OUT Pin
4
ADDR_SEL
SMBus Address Select
5
Vdd (red)
VDD
6
GND (black)
Ground
7
#READ/INT (yellow)
READ/INT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com