Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 48 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 44Page - Microchip Technology PAC1921 Datasheet HTML 45Page - Microchip Technology PAC1921 Datasheet HTML 46Page - Microchip Technology PAC1921 Datasheet HTML 47Page - Microchip Technology PAC1921 Datasheet HTML 48Page - Microchip Technology PAC1921 Datasheet HTML 49Page - Microchip Technology PAC1921 Datasheet HTML 50Page - Microchip Technology PAC1921 Datasheet HTML 51Page - Microchip Technology PAC1921 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
A.2
BOARD – PAC1921 CURRENT SHUNT AND POWER MONITOR SCHEMATIC
V
SENSE+
V
SENSE-
V
SOURCE-
V
SOURCE+
+5V_USB
V
DD
V
DD
V
DD
V
DD
Demo
Sys
Sys
V
SENSE+
V
SENSE-
Demo
Out
#READ/INT
#READ/INT
GND
J 8, 1-2 Close (default) = 1001_100x b -> 98h
J 8, 2-3 Close (alternative) = 1001_101x b -> 9Ah
J 8, Open (alternative) = Apply external resistor
for GAIN_SEL function in Stand-Alone mode.
Read the data sheet for more information
ADDR_SEL
/GAIN_SEL
V
DD
SMBUS_CLK
SMBUS_DATA
#READ/INT
IDEMO
Idemo
OUT
GP2
COMM_SEL
SMBus_CLK
SMBus_DATA
#READ/INT
TP LOOP Yellow
TP2
TP LOOP Orange
TP1
TP LOOP Black
TP6
TP LOOP White
TP3
TP LOOP White
TP4
TP LOOP Red
TP5
TP LOOP Yellow
TP7
EDZ250/2
J1
EDZ250/2
J2
EDZ250/2
J11
2R
2010
5%
R2
2R
2010
5%
R3
HDR-2.54 Male 1x3
J3
HDR-2.54 Male 1x3
J4
123
HDR-2.54 Male 1x3
J6
123
HDR-2.54 Male 1x3
J7
HDR-2.54 Male 1x3
J8
123
HDR-2.54 Male 1x3
J5
Shunt 2.54 mm 1x2 Handle
JP3
Shunt 2.54 mm 1x2 Handle
JP4
Shunt 2.54mm 1x2 Handle
JP5
Shunt 2.54 mm 1x2 Handle
JP6
Shunt 2.54mm 1x2 Handle
JP7
Shunt 2.54 mm 1x2 Handle
JP8
0.1
μF
16V
0603
C1
0.001
μF
50V
0603
C3
1
μF
16V
0603
C2
12.1k
0603
1%
R8
12.1k
0603
1%
R9
12.1k
0603
1%
R10
12.1k
0603
1%
R11
12.1k
0603
1%
R6
12.1k
0603
1%
R7
120R
0603
1%
R4
120R
0603
1%
R5
100R
0603
1%
R1
GREEN
LD6
2k
0603
1%
R12
V
DD
1
SENSE+
2
SENSE-
3
OUT
4
GND
5
ADDR_SEL
6
COMM_SEL
7
READ/INT
8
SM_DATA
9
SM_CLK
10
PAC1921-1
U1
3
4
0.005R
1%
RS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com