Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 32 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 28Page - Microchip Technology PAC1921 Datasheet HTML 29Page - Microchip Technology PAC1921 Datasheet HTML 30Page - Microchip Technology PAC1921 Datasheet HTML 31Page - Microchip Technology PAC1921 Datasheet HTML 32Page - Microchip Technology PAC1921 Datasheet HTML 33Page - Microchip Technology PAC1921 Datasheet HTML 34Page - Microchip Technology PAC1921 Datasheet HTML 35Page - Microchip Technology PAC1921 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 32
 2015 Microchip Technology Inc.
4.2.3
Overflow Status Panel
The Overflow Status section, shown in Figure 4-9, represents the three bits in the
Overflow Status Register 1Ch. When an indicator turns red, it indicates an overflow.
FIGURE 4-9:
Overflow Status.
4.2.4
Rsense Panel
The Rsense section, shown in Figure 4-10, needs to reflect the value of the RSENSE
resistor in use on the evaluation board. This value is used in calculations done by the
GUI. In Demo mode, select the 1 Ohm - Demo button. In Sys mode, select the
0.005 Ohm - System button. If another resistor is used, check the Custom option
button and fill the corresponding value in the spin box underneath the option.
FIGURE 4-10:
Rsense Configuration Panel.
4.2.5
Panel and Integration Control Panel
The Panel and Integration Control section, shown in Figure 4-11, contains GUI controls
which set and clear the INT_EN bit. When using these controls, check the “READ/INT
OVR” box in the Main Configuration section to allow the INT_EN bit to override the
READ/INT pin state.
FIGURE 4-11:
Panel and Integration Control.
Note: Read Period (ms) is always enabled.
“READ/INT OVR” Box is Checked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com