Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 42 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 38Page - Microchip Technology PAC1921 Datasheet HTML 39Page - Microchip Technology PAC1921 Datasheet HTML 40Page - Microchip Technology PAC1921 Datasheet HTML 41Page - Microchip Technology PAC1921 Datasheet HTML 42Page - Microchip Technology PAC1921 Datasheet HTML 43Page - Microchip Technology PAC1921 Datasheet HTML 44Page - Microchip Technology PAC1921 Datasheet HTML 45Page - Microchip Technology PAC1921 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 42
 2015 Microchip Technology Inc.
4.4.2
Power Free-Run Integration Example
This section provides steps to experiment with free-run integration in SMBus mode and
see the effects of filtering, resolution and sampling. It starts by showing the fastest
integration period and progressively shows higher accuracy.
1. Press the <F2> function key on the keyboard. This performs Quick Setup, which
checks the “READ/INT OVR” box, the “INT_EN” bit box and the “Enable DC
Vsense- Stimulus” box, enables the “Enable Auto INT_EN” control and sets
“MUX_SEL” to VPOWER free-run. Integration begins using the 1 sample default.
2. In the Main Configuration section, click the “I_RES” and “V_RES” boxes so 11-bit
shows; this lowers the resolution from 14 bits to 11 bits.
3. In the Main Configuration section, uncheck the “VSENSE FILT_EN” and “VBUS
FILT_EN” boxes to disable the ADC post filters.
4. In the EVB Demo Configuration section, type 40 mV in the “DC Vsense-
Stimulus” spin box.
5. Observe the plots on the Vbus & Vsense tab, as shown in Figure 4-22, adjusting
the Y-axis values as desired. These settings result in the shortest integration
period.
FIGURE 4-22:
Free-Run Integration, Shortest Period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com