Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 28 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 24Page - Microchip Technology PAC1921 Datasheet HTML 25Page - Microchip Technology PAC1921 Datasheet HTML 26Page - Microchip Technology PAC1921 Datasheet HTML 27Page - Microchip Technology PAC1921 Datasheet HTML 28Page - Microchip Technology PAC1921 Datasheet HTML 29Page - Microchip Technology PAC1921 Datasheet HTML 30Page - Microchip Technology PAC1921 Datasheet HTML 31Page - Microchip Technology PAC1921 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 28
 2015 Microchip Technology Inc.
When the evaluation board is connected or disconnected, a message displays as
shown in Figure 4-2. With the evaluation board connected, click Auto-detect Address
to restart communications.
FIGURE 4-2:
Communications Failure Message.
4.1.1
Tips for Using the Evaluation Board GUI
• After a power-up of the evaluation board, the default settings are loaded. Users
can save the setting configurations to user-named files, which can be reloaded at
any time for quick reconfiguration (see Section 4.3.3.1 “Configuration Save and
Load”).
• To configure the GUI and PAC1921 for free-run integration power measurement,
press the <F2> function key on the keyboard.
• To reload the PAC1921 register defaults, press the <F6> function key on the
keyboard.
• When using the GUI, the PAC1921 can enter a Sleep state; however, it wakes to
service the GUI SMBus communications, then returns to Sleep. For this reason,
the current consumption will be slightly higher than expected in Sleep state when
using the GUI.
• When the PAC1921 enters Sleep state, the PAC1921 clears the measurement
registers, and consequently, the GUI Calculations/File IO tab is cleared. To
prevent the PAC1921 from entering Sleep, check the “SLEEP OVR” box in the
Main Configuration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com