Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 53 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 48Page - Microchip Technology PAC1921 Datasheet HTML 49Page - Microchip Technology PAC1921 Datasheet HTML 50Page - Microchip Technology PAC1921 Datasheet HTML 51Page - Microchip Technology PAC1921 Datasheet HTML 52Page - Microchip Technology PAC1921 Datasheet HTML 53Page - Microchip Technology PAC1921 Datasheet HTML 54Page - Microchip Technology PAC1921 Datasheet HTML 55Page - Microchip Technology PAC1921 Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
PAC1921
HIGH-SIDE CURRENT/POWER SENSOR
EVALUATION BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002376A-page 53
Appendix B. Bill of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)(1)
Qty
Reference
Description
Manufacturer
Part Number
8
C1, C5, C6,
C16, C17,
C18, C19, C20
Cap. Ceramic, 0.1 µF, 16V, 10%, X7R,
SMD, 0603
NIC Components Corp. NMC0603X7R104K16TRPF
1
C10
Cap. Ceramic, 0.47 µF, 6.3V, 10%,
X5R, SMD, 0603
Murata Electronics®
GRM188R60J474KA01D
1
C14
Cap. Ceramic, 0.022 µF, 50V, 10%,
X7R, SMD, 0603
TDK Corporation
C1608X7R1H223K
3
C2, C8, C15
Cap. Ceramic, 1 µF, 16V, 10%, X7R,
SMD, 0603
Taiyo Yuden Co., Ltd.
EMK107B7105KA-T
1
C21
Cap. Ceramic, 100 pF, 50V, 1%, C0G,
SMD, 0603
TDK Corporation
C1608C0G1H101F
1
C3
Cap. Ceramic, 0.001 µF, 50V, 20%,
X7R, SMD, 0603
KEMET™
C0603C102M5RAC
2
C4, C7
Cap. Ceramic, 10 µF, 10V, 20%, X5R,
SMD, 0603
Panasonic®
ECJ-1VB1A106M
3
C9, C12, C13 Cap. Ceramic, 2200 pF, 50V, 10%,
X7R, SMD, 0603
KEMET
C0603C222K5RACTU
1
D1
DIO TVSARR, ESD5V3U2U, 5.3V,
SMD, SOT-883
Infineon Technologies
ESD5V3U2U-03LRH E6327
1
FB1
Ferrite, 500 mA, 0.1R, SMD, 0603
Laird-Signal Integrity
LI0603E470R-10
3
J1, J2, J11
Conn. Terminal, 5.08 mm, 15A,
Female, 1x2, TH R/A
On Shore Technology
Inc.
EDZ250/2
1
J13
Conn. HDR-2.54, Male, 2x5, 0.100"
(2.54 mm), TH Vert.
Samtec, Inc.
TSW-105-07-G-D
6
J3, J4, J5, J6,
J7, J8
Conn. HDR-2.54, Male, 1x3, Tin,
5.84 MH, TH Vert.
Samtec, Inc.
TSW-103-07-T-S
10 JP3, JP4, JP5,
JP6, JP7, JP8,
JP9, JP10,
JP11, JP12
Mech. HW Jumper, 2.54 mm, 1x2,
Handle Gold
TE Connectivity, Ltd.
881545-2
2
LD1, LD2
DIO LED Red, 1.95V, 20 mA, 220 mcd,
Clear, SMD, 0805
Kingbright Corp.
APT2012SURCK
1
LD6
DIO LED Green, 2V, 30 mA, 120 mcd,
Diffuse, SMD, 0805
Avago Technologies US
Inc.
HSMM-C170
1
P1
Conn. USB Mini-B Female, SMD, R/A
Hirose Electric Co., Ltd. UX60SC-MB-5ST(80)
4PAD1, PAD2,
PAD3, PAD4
Mech. HW Rubber Pad, Cylindrical,
D7.9, H5.3, Black
3M
SJ61A11
2
Q1, Q2
MCHP Analog PWM Controller, 1 MHz,
MCP87050-U/MF, PDFN-8
Microchip Technology
Inc.
MCP87050T-U/MF
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com