Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1921 Datasheet(PDF) 54 Page - Microchip Technology

Part # PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Datasheet(HTML) 54 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 48Page - Microchip Technology PAC1921 Datasheet HTML 49Page - Microchip Technology PAC1921 Datasheet HTML 50Page - Microchip Technology PAC1921 Datasheet HTML 51Page - Microchip Technology PAC1921 Datasheet HTML 52Page - Microchip Technology PAC1921 Datasheet HTML 53Page - Microchip Technology PAC1921 Datasheet HTML 54Page - Microchip Technology PAC1921 Datasheet HTML 55Page - Microchip Technology PAC1921 Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
PAC1921
DS50002376A-page 54
 2015 Microchip Technology Inc.
1
R1
Res., TKF, 100R, 1%, 1/10W, SMD,
0603
ROHM Semiconductor
MCR03EZPFX1000
1
R12,
Res., TKF, 2k, 1%, 1/10W, SMD, 0603 Stackpole Electronics,
Inc.
RMCF0603FT2K00
2
R2, R3
Res., TKF, 2R, 5%, 3/4W, SMD, 2010
Panasonic® - ECG
ERJ-12ZYJ2R0U
2
R20, R21
Res., TKF, 1k, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF1001V
1
R25
Res., TKF, 2k, 1%, 1/10W, SMD, 0603 Stackpole Electronics,
Inc.
RMCF0603FT2K00
1
R27
Res., TKF, 1M, 1%, 1/10W, SMD, 0603
Panasonic - ECG
ERJ-3EKF1004V
4
R4, R5, R37,
R38
Res., TKF, 120R, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF1200V
2
R40, R49
Res., TKF, 15.4k, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF1542V
2
R43, R46
Res., TKF, 3.32k, 1%, 1/10W, SMD, 0603 ROHM
MCR03EZPFX3321
2
R43, R46
Res., TKF, 7.5k, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF7501V
1
R51
Res., TKF, 12.1k, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF1212V
12
R6, R7, R8,
R9, R10, R11,
R18, R19,
R26, R41,
R48, R50
Res., TKF, 12.1k, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF1212V
2
R70, R72
Res., TKF, 20R, 1%, 1/10W, SMD, 0603 Panasonic - ECG
ERJ-3EKF20R0V
2
R73, R74
Res., Trimmer Cermet, 10k, 10%,
500 mW, TH, 3386F
Bourns®, Inc.
3386F-1-103TLF
1
RS1
Res., Shunt, 0.005R, 1%, 2W, 1%,
2412
Ohmite® Manufacturing LVK25R005FER
1
TP1
Conn. TP Loop, Orange, TH
Keystone Electronics
Corp.
5013
2
TP2, TP7
Conn. TP Loop, Yellow, TH
Keystone Electronics
Corp.
5014
2
TP3, TP4
Conn. TP Loop, White, TH
Keystone Electronics
Corp.
5012
1
TP5
Conn. TP Loop, Red, TH
Keystone Electronics
Corp.
5010
1
TP6
Conn. TP Loop, Black, TH
Keystone Electronics
Corp.
5011
1
U1
MCHP Analog Current Sense Monitor,
PAC1921-1-AIA-TR, DFN-10
Microchip Technology
Inc.
PAC1921-1-AIA-TR
1
U2
MCHP Interface USB I2C™ UART,
MCP2221-I/ST, TSSOP-14
Microchip Technology
Inc.
MCP2221-I/ST
1
U3
MCHP Analog LDO, 3.3V,
MCP1825ST-3302E/DB, SOT-223-3
Microchip Technology
Inc.
MCP1825S-3302E/DB
1
U4
MCHP Analog Op Amp, 4-Ch, 1 MHz,
MCP6004-I/SL, SOIC-14
Microchip Technology
Inc.
MCP6004-I/SL
TABLE B-1:
BILL OF MATERIALS (BOM)(1) (CONTINUED)
Qty
Reference
Description
Manufacturer
Part Number
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com