Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 21 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 21 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 17Page - Microchip Technology CAP1298 Datasheet HTML 18Page - Microchip Technology CAP1298 Datasheet HTML 19Page - Microchip Technology CAP1298 Datasheet HTML 20Page - Microchip Technology CAP1298 Datasheet HTML 21Page - Microchip Technology CAP1298 Datasheet HTML 22Page - Microchip Technology CAP1298 Datasheet HTML 23Page - Microchip Technology CAP1298 Datasheet HTML 24Page - Microchip Technology CAP1298 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 21
CAP1298
If a sensor input is the designated power button, an interrupt is not generated as soon as a touch is detected and repeat
rate is not applicable. See Section 4.9.3, "Interrupts for the Power Button".
APPLICATION NOTE: FIGURE 4-4: and FIGURE 4-5: show default operation which is to generate an interrupt upon
sensor pad release.
APPLICATION NOTE: The host may need to poll the device twice to determine that a release has been detected.
4.9.3
INTERRUPTS FOR THE POWER BUTTON
Interrupts are automatically enabled for the power button when the feature is enabled (see Section 4.6, "Power Button").
A touch must be held on the power button for the designated period of time before an interrupt is generated.
FIGURE 4-4:
SENSOR INTERRUPT BEHAVIOR - REPEAT RATE ENABLED
FIGURE 4-5:
SENSOR INTERRUPT BEHAVIOR - NO REPEAT RATE ENABLED
Touch Detected
INT bit
Button Status
Write to INT bit
Sensing Cycle
(35ms)
Min Press Setting
(280ms)
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)
Interrupt on
Release
(optional)
ALERT# pin
Touch Detected
INT bit
Button Status
Write to INT bit
Sensing Cycle
(35ms)
Interrupt on
Touch
Interrupt on
Release
(optional)
ALERT# pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com