Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 23 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 23 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 19Page - Microchip Technology CAP1298 Datasheet HTML 20Page - Microchip Technology CAP1298 Datasheet HTML 21Page - Microchip Technology CAP1298 Datasheet HTML 22Page - Microchip Technology CAP1298 Datasheet HTML 23Page - Microchip Technology CAP1298 Datasheet HTML 24Page - Microchip Technology CAP1298 Datasheet HTML 25Page - Microchip Technology CAP1298 Datasheet HTML 26Page - Microchip Technology CAP1298 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 23
CAP1298
5.0
REGISTER DESCRIPTION
The registers shown in Table 5-1 are accessible through the communications protocol. An entry of ‘-’ indicates that the
bit is not used and will always read ‘0’.
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
R/W
Register Name
Function
Default
Value
Page
00h
R/W
Main Control
Controls power states and indicates
an interrupt
00h
Page 26
02h
R/W
General Status
Stores general status bits
00h
Page 28
03h
R
Sensor Input Status
Returns the state of the sampled
capacitive touch sensor inputs
00h
Page 28
0Ah
R
Noise Flag Status
Stores the noise flags for sensor
inputs
00h
Page 29
10h
R
Sensor Input 1 Delta
Count
Stores the delta count for CS1
00h
Page 30
11h
R
Sensor Input 2 Delta
Count
Stores the delta count for CS2
00h
Page 30
12h
R
Sensor Input 3 Delta
Count
Stores the delta count for CS3
00h
Page 30
13h
R
Sensor Input 4 Delta
Count
Stores the delta count for CS4
00h
Page 30
14h
R
Sensor Input 5 Delta
Count
Stores the delta count for CS5
00h
Page 30
15h
R
Sensor Input 6 Delta
Count
Stores the delta count for CS6
00h
Page 30
16h
R
Sensor Input 7 Delta
Count
Stores the delta count for CS7
00h
Page 30
17h
R
Sensor Input 8 Delta
Count
Stores the delta count for CS8
00h
Page 30
1Fh
R/W
Sensitivity Control
Controls the sensitivity of the
threshold and delta counts and data
scaling of the base counts
2Fh
Page 30
20h
R/W
Configuration
Controls general functionality
20h
Page 32
21h
R/W
Sensor Input Enable
Controls which sensor inputs are
monitored in Active
FFh
Page 33
22h
R/W
Sensor Input
Configuration
Controls max duration and auto-
repeat delay
A4h
Page 34
23h
R/W
Sensor Input
Configuration 2
Controls the MPRESS (“press and
hold”) setting
07h
Page 35
24h
R/W
Averaging and
Sampling Config
Controls averaging and sampling
window for Active
39h
Page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com