Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 49 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 49 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 45Page - Microchip Technology CAP1298 Datasheet HTML 46Page - Microchip Technology CAP1298 Datasheet HTML 47Page - Microchip Technology CAP1298 Datasheet HTML 48Page - Microchip Technology CAP1298 Datasheet HTML 49Page - Microchip Technology CAP1298 Datasheet HTML 50Page - Microchip Technology CAP1298 Datasheet HTML 51Page - Microchip Technology CAP1298 Datasheet HTML 52Page - Microchip Technology CAP1298 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 49
CAP1298
5.24
Standby Threshold Register
The Standby Threshold register stores the delta threshold that is used to determine if a touch has been detected. When
a touch occurs, the input signal of the corresponding sensor pad changes due to the capacitance associated with a
touch. If the sensor input change exceeds the threshold settings, a touch is detected.
5.25
Sensor Input Base Count Registers
011
16x
100
8x
101
4x
110
2x
1
1
1
1x - (least sensitive)
TABLE 5-11:
STANDBY THRESHOLD REGISTER
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
43h
R/W
Standby
Threshold
-64
32
16
8
4
2
1
40h
TABLE 5-12:
SENSOR INPUT BASE COUNT REGISTERS
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
50h
R
Sensor Input 1
Base Count
128
64
32
16
8
4
2
1
C8h
51h
R
Sensor Input 2
Base Count
128
64
32
16
8
4
2
1
C8h
52h
R
Sensor Input 3
Base Count
128
64
32
16
8
4
2
1
C8h
53h
R
Sensor Input 4
Base Count
128
64
32
16
8
4
2
1
C8h
54h
R
Sensor Input 5
Base Count
128
64
32
16
8
4
2
1
C8h
55h
R
Sensor Input 6
Base Count
128
64
32
16
8
4
2
1
C8h
56h
R
Sensor Input 7
Base Count
128
64
32
16
8
4
2
1
C8h
57h
R
Sensor Input 8
Base Count
128
64
32
16
8
4
2
1
C8h
TABLE 5-10:
STBY_SENSE BIT DECODE (CONTINUED)
STBY_SENSE[2:0]
Sensitivity Multiplier
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com