Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 13 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 13 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 9Page - Microchip Technology CAP1298 Datasheet HTML 10Page - Microchip Technology CAP1298 Datasheet HTML 11Page - Microchip Technology CAP1298 Datasheet HTML 12Page - Microchip Technology CAP1298 Datasheet HTML 13Page - Microchip Technology CAP1298 Datasheet HTML 14Page - Microchip Technology CAP1298 Datasheet HTML 15Page - Microchip Technology CAP1298 Datasheet HTML 16Page - Microchip Technology CAP1298 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 13
CAP1298
3.3.3
SMBUS SEND BYTE
The Send Byte protocol is used to set the internal address register pointer to the correct address location. No data is
transferred during the Send Byte protocol as shown in Table 3-4.
APPLICATION NOTE: The Send Byte protocol is not functional in Deep Sleep (i.e., DSLEEP bit is set).
3.3.4
SMBUS RECEIVE BYTE
The Receive Byte protocol is used to read data from a register when the internal register address pointer is known to
be at the right location (e.g. set via Send Byte). This is used for consecutive reads of the same register as shown in
Table 3-5.
APPLICATION NOTE: The Receive Byte protocol is not functional in Deep Sleep (i.e., DSLEEP bit is set).
3.4
I2C Protocols
The CAP1298 supports I2C Block Read and Block Write.
The protocols listed below use the convention in Table 3-1.
3.4.1
BLOCK READ
The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in Table 3-6.
APPLICATION NOTE: When using the Block Read protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
TABLE 3-3:
READ BYTE PROTOCOL
Start
Slave Address
WR
ACK
Register
Address
ACK
Start
Client Address
RD
ACK
Register
Data
NACK
Stop
1->0
0101_000
0
0
XXh
0
1 ->0
0101_000
1
0
XXh
1
0 -> 1
TABLE 3-4:
SEND BYTE PROTOCOL
Start
Slave Address
WR
ACK
Register Address
ACK
Stop
1 -> 0
0101_000
0
0
XXh
0
0 -> 1
TABLE 3-5:
RECEIVE BYTE PROTOCOL
Start
Slave Address
RD
ACK
Register Data
NACK
Stop
1 -> 0
0101_000
1
0
XXh
1
0 -> 1
TABLE 3-6:
BLOCK READ PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Start
Slave Address
RD
ACK
Register Data
1->0
0101_000
0
0
XXh
0
1 ->0
0101_000
1
0
XXh
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
NACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com