Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 33 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 29Page - Microchip Technology CAP1298 Datasheet HTML 30Page - Microchip Technology CAP1298 Datasheet HTML 31Page - Microchip Technology CAP1298 Datasheet HTML 32Page - Microchip Technology CAP1298 Datasheet HTML 33Page - Microchip Technology CAP1298 Datasheet HTML 34Page - Microchip Technology CAP1298 Datasheet HTML 35Page - Microchip Technology CAP1298 Datasheet HTML 36Page - Microchip Technology CAP1298 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 33
CAP1298
Bit 4 - BC_OUT_INT - Controls the interrupt behavior when the base count is out of limit for one or more sensor inputs.
• ‘0’ (default) - An interrupt is not generated when the BC_OUT bit is set (see Section 5.2, "Status Registers").
• ‘1’ - An interrupt is generated when the BC_OUT bit is set.
Bit 3 - SHOW_RF_NOISE - Determines whether the Noise Status bits will show RF Noise as the only input source.
• ‘0’ (default) - The Noise Status registers will show both RF noise and low frequency noise if either is detected on a
capacitive touch sensor input.
• ‘1’ - The Noise Status registers will only show RF noise if it is detected on a capacitive touch sensor input. Low fre-
quency noise will still be detected and touches will be blocked normally; however, the status bits will not be
updated.
Bit 2 - DIS_RF_NOISE - Determines whether the RF noise filter is enabled. Setting this bit disables the feature.
• ‘0’ (default) - If RF noise is detected by the analog block, the delta count on the corresponding channel is set to 0.
Note that this does not require that Noise Status bits be set.
• ‘1’ - A touch is not blocked even if RF noise is detected.
Bit 1 - ACAL_FAIL_INT - Controls the interrupt behavior when analog calibration fails for one or more sensor inputs (see
Section 4.4, "Sensor Input Calibration").
• ‘0’ (default) - An interrupt is not generated when the ACAL_FAIL bit is set (see Section 5.2, "Status Registers").
• ‘1’ - An interrupt is generated when the ACAL_FAIL bit is set
Bit 0 - INT_REL_n - Controls the interrupt behavior when a release is detected on a button (see Section 4.9.2, "Capac-
itive Sensor Input Interrupt Behavior").
• ‘0’ (default) - An interrupt is generated when a press is detected and again when a release is detected and at the
repeat rate (if enabled - see Section 5.12).
• ‘1’ - An interrupt is generated when a press is detected and at the repeat rate but not when a release is detected.
5.7
Sensor Input Enable Register
The Sensor Input Enable register determines whether a capacitive touch sensor input is included in the sensing cycle
in the Active state.
For all bits in this register:
• ‘0’ - The specified input is not included in the sensing cycle in the Active state.
• ‘1’ (default) - The specified input is included in the sensing cycle in the Active state.
Bit 7 - CS8_EN - Determines whether the CS8 input is monitored in the Active state.
Bit 6 - CS7_EN - Determines whether the CS7 input is monitored in the Active state.
Bit 5 - CS6_EN - Determines whether the CS6 input is monitored in the Active state.
Bit 4 - CS5_EN - Determines whether the CS5 input is monitored in the Active state.
Bit 3 - CS4_EN - Determines whether the CS4 input is monitored in the Active state.
Bit 2 - CS3_EN - Determines whether the CS3 input is monitored in the Active state.
Bit 1 - CS2_EN - Determines whether the CS2 input is monitored in the Active state.
Bit 0 - CS1_EN - Determines whether the CS1 input is monitored in the Active state.
TABLE 5-12:
SENSOR INPUT ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5B4B3B2B1B0
Default
21h
R/W
Sensor Input
Enable
CS8_EN
CS7_EN
CS6_EN
CS5_EN
CS4_EN
CS3_EN
CS2_EN
CS1_EN
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com