Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 25 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 25 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 21Page - Microchip Technology CAP1298 Datasheet HTML 22Page - Microchip Technology CAP1298 Datasheet HTML 23Page - Microchip Technology CAP1298 Datasheet HTML 24Page - Microchip Technology CAP1298 Datasheet HTML 25Page - Microchip Technology CAP1298 Datasheet HTML 26Page - Microchip Technology CAP1298 Datasheet HTML 27Page - Microchip Technology CAP1298 Datasheet HTML 28Page - Microchip Technology CAP1298 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 25
CAP1298
41h
R/W
Standby Configuration
Controls averaging and sensing
cycle time for Standby
39h
Page 46
42h
R/W
Standby Sensitivity
Controls sensitivity settings used for
Standby
02h
Page 48
43h
R/W
Standby Threshold
Stores the touch detection threshold
for Standby
40h
Page 49
44h
R/W
Configuration 2
Stores additional configuration
controls for the device
40h
Page 32
Base Count Registers
50h
R
Sensor Input 1 Base
Count
Stores the reference count value for
sensor input 1
C8h
Page 49
51h
R
Sensor Input 2 Base
Count
Stores the reference count value for
sensor input 2
C8h
Page 49
52h
R
Sensor Input 3 Base
Count
Stores the reference count value for
sensor input 3
C8h
Page 49
53h
R
Sensor Input 4 Base
Count
Stores the reference count value for
sensor input 4
C8h
Page 49
54h
R
Sensor Input 5 Base
Count
Stores the reference count value for
sensor input 5
C8h
Page 49
55h
R
Sensor Input 6 Base
Count
Stores the reference count value for
sensor input 6
C8h
Page 49
56h
R
Sensor Input 7 Base
Count
Stores the reference count value for
sensor input 7
C8h
Page 49
57h
R
Sensor Input 8 Base
Count
Stores the reference count value for
sensor input 8
C8h
Page 49
Power Button Registers
60h
R/W
Power Button
Specifies the power button
00h
Page 50
61h
R/W
Power Button
Configuration
Configures the power button feature
22h
Page 50
Calibration Sensitivity Configuration Registers
80h
R/W
Calibration Sensitivity
Configuration 1
Stores calibration sensitivity settings
for proximity
00h
Page 52
81h
R/W
Calibration Sensitivity
Configuration 2
Stores calibration sensitivity settings
for proximity
00h
Page 52
Calibration Registers
B1h
R
Sensor Input 1
Calibration
Stores the upper 8-bit calibration
value for CS1
00h
Page 51
B2h
R
Sensor Input 2
Calibration
Stores the upper 8-bit calibration
value for CS2
00h
Page 51
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com