Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 39 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 39 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 35Page - Microchip Technology CAP1298 Datasheet HTML 36Page - Microchip Technology CAP1298 Datasheet HTML 37Page - Microchip Technology CAP1298 Datasheet HTML 38Page - Microchip Technology CAP1298 Datasheet HTML 39Page - Microchip Technology CAP1298 Datasheet HTML 40Page - Microchip Technology CAP1298 Datasheet HTML 41Page - Microchip Technology CAP1298 Datasheet HTML 42Page - Microchip Technology CAP1298 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 39
CAP1298
5.11
Interrupt Enable Register
The Interrupt Enable register determines whether a sensor pad touch or release (if enabled) causes an interrupt (see
Section 4.9, "Interrupts").
For all bits in this register:
• ‘0’ - The ALERT# pin will not be asserted if a touch is detected on the specified sensor input.
• ‘1’ (default) - The ALERT# pin will be asserted if a touch is detected on the specified sensor input.
Bit 7 - CS8_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS8 (associated with the CS8
status bit).
Bit 6 - CS7_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS7 (associated with the CS7
status bit).
Bit 5 - CS6_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS6 (associated with the CS6
status bit).
Bit 4 - CS5_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS5 (associated with the CS5
status bit).
Bit 3 - CS4_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS4 (associated with the CS4
status bit).
Bit 2 - CS3_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS3 (associated with the CS3
status bit).
Bit 1 - CS2_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS2 (associated with the CS2
status bit).
Bit 0 - CS1_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS1 (associated with the CS1
status bit).
5.12
Repeat Rate Enable Register
The Repeat Rate Enable register enables the repeat rate of the sensor inputs as described in Section 4.9.2, "Capacitive
Sensor Input Interrupt Behavior".
For all bits in this register:
• ‘0’ - The repeat rate for the specified sensor input is disabled. It will only generate an interrupt when a touch is
detected and when a release is detected (if enabled) no matter how long the touch is held.
• ‘1’ (default) - The repeat rate for the specified sensor input is enabled. In the case of a “touch” event, it will gener-
ate an interrupt when a touch is detected and a release is detected (as determined by the INT_REL_n bit - see
Section 5.6, "Configuration Registers"). In the case of a “press and hold” event, it will generate an interrupt when a
touch is detected and at the repeat rate so long as the touch is held.
Bit 7 - CS8_RPT_EN - Enables the repeat rate for capacitive touch sensor input 8.
TABLE 5-23:
INTERRUPT ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3B2B1B0
Default
27h
R/W
Interrupt
Enable
CS8_
INT_EN
CS7_
INT_EN
CS6_
INT_EN
CS5_
INT_EN
CS4_
INT_EN
CS3_
INT_EN
CS2_
INT_EN
CS1_
INT_EN
FFh
TABLE 5-24:
REPEAT RATE ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3B2B1
B0
Default
28h
R/W
Repeat Rate
Enable
CS8_
RPT_EN
CS7_
RPT_EN
CS6_
RPT_EN
CS5_
RPT_EN
CS4_
RPT_EN
CS3_
RPT_EN
CS2_
RPT_EN
CS1_
RPT_EN
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com