Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 11 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 11 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 7Page - Microchip Technology CAP1298 Datasheet HTML 8Page - Microchip Technology CAP1298 Datasheet HTML 9Page - Microchip Technology CAP1298 Datasheet HTML 10Page - Microchip Technology CAP1298 Datasheet HTML 11Page - Microchip Technology CAP1298 Datasheet HTML 12Page - Microchip Technology CAP1298 Datasheet HTML 13Page - Microchip Technology CAP1298 Datasheet HTML 14Page - Microchip Technology CAP1298 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 11
CAP1298
3.0
COMMUNICATIONS
3.1
Communications
The CAP1298 communicates using the SMBus or I2C protocol.
3.2
System Management Bus
The CAP1298 communicates with a host controller, such as an MCHP SIO, through the SMBus. The SMBus is a two-
wire serial communication protocol between a computer host and its peripheral devices. A detailed timing diagram is
shown in Figure 3-1. Stretching of the SMCLK signal is supported; however, the CAP1298 will not stretch the clock sig-
nal.
3.2.1
SMBUS START BIT
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic ‘0’ state while the
SMBus Clock line is in a logic ‘1’ state.
3.2.2
SMBUS ADDRESS AND RD / WR BIT
The SMBus Address Byte consists of the 7-bit client address followed by the RD / WR indicator bit. If this RD / WR bit
is a logic ‘0’, then the SMBus Host is writing data to the client device. If this RD / WR bit is a logic ‘1’, then the SMBus
Host is reading data from the client device.
3.2.3
The CAP1298responds to SMBus address 0101_000(r/w).
SMBUS DATA BYTES
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
3.2.4
SMBUS ACK AND NACK BITS
The SMBus client will acknowledge all data bytes that it receives. This is done by the client device pulling the SMBus
Data line low after the 8th bit of each byte that is transmitted. This applies to both the Write Byte and Block Write proto-
cols.
The Host will NACK (not acknowledge) the last data byte to be received from the client by holding the SMBus data line
high after the 8th data bit has been sent. For the Block Read protocol, the Host will ACK each data byte that it receives
except the last data byte.
3.2.5
SMBUS STOP BIT
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic ‘1’ state while the
SMBus clock line is in a logic ‘1’ state. When the CAP1298 detects an SMBus Stop bit and it has been communicating
with the SMBus protocol, it will reset its client interface and prepare to receive further communications.
FIGURE 3-1:
SMBUS TIMING DIAGRAM
SM D A TA
SM C LK
T
BU F
P
S
S - Start C o ndition
P - Stop C ondition
P
S
T HIGH
T LOW
T
HD :STA
T
SU :STO
T
HD :STA
T
HD :D AT
T
SU:D AT
T
SU :STA
T
FALL
T
RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com