Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 27 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 27 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 23Page - Microchip Technology CAP1298 Datasheet HTML 24Page - Microchip Technology CAP1298 Datasheet HTML 25Page - Microchip Technology CAP1298 Datasheet HTML 26Page - Microchip Technology CAP1298 Datasheet HTML 27Page - Microchip Technology CAP1298 Datasheet HTML 28Page - Microchip Technology CAP1298 Datasheet HTML 29Page - Microchip Technology CAP1298 Datasheet HTML 30Page - Microchip Technology CAP1298 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 27
CAP1298
If more than one power state bit is set, the actual power state will be as shown in Table 5-3, "Power State Bit Overrides".
Bits 7 - 6 - GAIN[1:0] - Controls the analog gain used by the capacitive touch sensing circuitry. As the gain is increased,
the effective sensitivity is likewise increased as a smaller delta capacitance is required to generate the same delta count
values. The sensitivity settings may need to be adjusted along with the gain settings such that data overflow does not
occur.
APPLICATION NOTE: The GAIN[1:0] settings apply to both Standby and Active states, unless the COMBO bit is
set. When the COMBO bit is set, this control only applies to the sensors enabled in the
Active state, and the C_GAIN[1:0] control applies to the sensors enabled in the Standby
state.
APPLICATION NOTE: Whenever the gain settings change, the device will recalibrate all sensor inputs as if they
had no base count.
Bit 5 - STBY - Enables Standby.
• ‘0’ (default) - The device is not in the Standby state.
• ‘1’ - The device is in the Standby state. Capacitive touch sensor input scanning is limited to the sensor inputs set in
the Standby Channel register (see Section 5.21, "Standby Channel Register"). The status registers will not be
cleared until read. Sensor inputs that are no longer sampled will flag a release and then remain in a non-touched
state.
Bit 4 - DSLEEP - Enables Deep Sleep.
• ‘0’ (default) - The device is not in the Deep Sleep state.
• ‘1’ - The device is in the Deep Sleep state. All sensor input scanning is disabled. The status registers are automat-
ically cleared and the INT bit is cleared..
Bits 3 - 2 - C_GAIN[1:0] - When the COMBO bit is set, this bit controls the analog gain used for capacitive touch sensor
inputs enabled in the Standby state. As the gain is increased, the effective sensitivity is likewise increased as a smaller
delta capacitance is required to generate the same delta count values. The Standby sensitivity settings may need to be
adjusted along with the gain settings such that data overflow does not occur.
TABLE 5-3:
POWER STATE BIT OVERRIDES
DSLEEP
COMBO
STBY
Power State
0
0
0
Active
0
0
1
Standby
0
1
X
Combo
1
X
X
DSleep
TABLE 5-4:
GAIN AND C_GAIN BIT DECODE
GAIN[1:0] or C_GAIN[1:0]
Capacitive Touch Sensor Input Gain
10
00
1
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com