Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 61 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 61 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 57Page - Microchip Technology CAP1298 Datasheet HTML 58Page - Microchip Technology CAP1298 Datasheet HTML 59Page - Microchip Technology CAP1298 Datasheet HTML 60Page - Microchip Technology CAP1298 Datasheet HTML 61Page - Microchip Technology CAP1298 Datasheet HTML 62Page - Microchip Technology CAP1298 Datasheet HTML 63Page - Microchip Technology CAP1298 Datasheet HTML 64Page - Microchip Technology CAP1298 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 61
CAP1298
APPENDIX A:
DEVICE DELTA
A.1
Delta from CAP1128 / CAP1188 to CAP1298
1.
Revision ID set to 00h.
2.
Pinout changed. RESET, WAKE, and ADDR_COMM pins removed. LED pins removed. SPI pins / muxing also
removed. Added GND pin as ground slug is no longer used for ground connection.
3.
Reduced package size from a 20-pin 4mm x 4mm QFN to a 16-pin 3mm x 3mm QFN.
4.
Added Power Button feature (see Section 4.6, "Power Button").
5.
Added ACAL_FAIL bit to flag analog calibration failures (see Section 5.2, "Status Registers") and ACAL_-
FAIL_INT bit to control analog calibration failure interrupts (see Section 5.6, "Configuration Registers").
6.
Added BC_OUT bit to flag calibration failures regarding base counts out of limit (see Section 5.2, "Status Regis-
ters") and BC_OUT_RECAL and BC_OUT_INT bit to control base count out of limit behavior and interrupts (see
Section 5.6, "Configuration Registers"). Added Base Count Out of Limit Register to indicate which sensor inputs
have base counts outside the operating range (see Section 5.17, "Base Count Out of Limit Register").
7.
New Combo state has been added which allows some sensors programmed to use the Active state settings and
other sensors programmed to use the Standby state settings to function at the same time (see Section 4.3.1.3,
"Combo State Sensing Settings").
8.
Added an option for a signal guard that is overloaded with the CS5 pin. This signal guard is configured to power
a ground shield for improved signal in certain applications (see Section 4.5.1, "Signal Guard").
9.
Increased supply voltage range for 5V operation.
10. Increased operating temperature range from 0°C - 85°C to -40°C to 125°C.
11. LEDs removed.
12. SMBus address fixed at 0101_000(r/w).
13. Removed SPI communications protocol option.
14. Removed RESET pin function.
15. Removed WAKE pin function.
16. Removed ALERT pin configuration.
17. Register set changes are shown in Table A-1, "Register Delta".
TABLE A-1:
REGISTER DELTA
Address
Register Delta
Delta
Default
00h
Page 26
Added bits - Main
Control Register
Added C_GAIN[1:0] and COMBO bits.
Changed function of GAIN[1:0] bits if
COMBO bit is set.
00h
02h
Page 28
Added bits - General
Status Register
Added bit 4 PWR for new Power Button
feature. Added bit 5 ACAL_FAIL to
indicate analog calibration failure. Added
bit 6 BC_OUT. Removed bit 4 LED
status.
00h
04h
Removed - LED Status
Register
removed register
n/a
20h
Page 32
Removed bit -
Configuration Register
Removed bit 6 WAKE_CFG.
20h
26h
Page 38
Renamed Calibration
Activate and Status
Register and added
functionality
In addition to forcing a calibration, the
register also indicates the status of
calibration for each sensor input.
00h
29h
Page 40
New - Signal Guard
Enable Register
new register for Signal Guard feature
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com