Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 26 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 26 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 22Page - Microchip Technology CAP1298 Datasheet HTML 23Page - Microchip Technology CAP1298 Datasheet HTML 24Page - Microchip Technology CAP1298 Datasheet HTML 25Page - Microchip Technology CAP1298 Datasheet HTML 26Page - Microchip Technology CAP1298 Datasheet HTML 27Page - Microchip Technology CAP1298 Datasheet HTML 28Page - Microchip Technology CAP1298 Datasheet HTML 29Page - Microchip Technology CAP1298 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
CAP1298
DS00001571B-page 26
 2013-2015 Microchip Technology Inc.
During power-on reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics.
When a bit is “set”, this means it’s at a logic ‘1’. When a bit is “cleared”, this means it’s at a logic ‘0’.
5.1
Main Control Register
The Main Control register controls the primary power state of the device (see Section 4.1, "Power States").
B3h
R
Sensor Input 3
Calibration
Stores the upper 8-bit calibration
value for CS3
00h
Page 51
B4h
R
Sensor Input 4
Calibration
Stores the upper 8-bit calibration
value for CS4
00h
Page 51
B5h
R
Sensor Input 5
Calibration
Stores the upper 8-bit calibration
value for CS5
00h
Page 51
B6h
R
Sensor Input 6
Calibration
Stores the upper 8-bit calibration
value for CS6
00h
Page 51
B7h
R
Sensor Input 7
Calibration
Stores the upper 8-bit calibration
value for CS7
00h
Page 51
B8h
R
Sensor Input 8
Calibration
Stores the upper 8-bit calibration
value for CS8
00h
Page 51
B9h
R
Sensor Input
Calibration LSB 1
Stores the 2 LSBs of the calibration
value for CS1 - CS4
00h
Page 51
BAh
R
Sensor Input
Calibration LSB 2
Stores the 2 LSBs of the calibration
value for CS5 - CS8
00h
Page 51
ID Registers
FDh
R
Product ID
Stores a fixed value that identifies
the CAP1298
71h
Page 52
FEh
R
Manufacturer ID
Stores a fixed value that identifies
MCHP
5Dh
Page 53
FFh
R
Revision
Stores a fixed value that represents
the revision number
00h
Page 53
TABLE 5-2:
MAIN CONTROL REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R/W
Main Control
GAIN[1:0]
STBY
DSLEEP
C_GAIN[1:0]
COMBO
INT
00h
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com