Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 15 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 15 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 11Page - Microchip Technology CAP1298 Datasheet HTML 12Page - Microchip Technology CAP1298 Datasheet HTML 13Page - Microchip Technology CAP1298 Datasheet HTML 14Page - Microchip Technology CAP1298 Datasheet HTML 15Page - Microchip Technology CAP1298 Datasheet HTML 16Page - Microchip Technology CAP1298 Datasheet HTML 17Page - Microchip Technology CAP1298 Datasheet HTML 18Page - Microchip Technology CAP1298 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 15
CAP1298
4.0
GENERAL DESCRIPTION
The CAP1298 is a multiple channel capacitive touch sensor. It contains eight (8) individual capacitive touch sensor
inputs with programmable sensitivity for use in touch sensor applications. Each sensor input is calibrated to compensate
for system parasitic capacitance and automatically recalibrated to compensate for gradual environmental changes.
In addition, the CAP1298 can be configured to detect proximity on one or more channels with an optional signal guard
to reduce noise sensitivity.
The CAP1298includes Multiple Pattern Touch recognition that allows the user to select a specific set of buttons to be
touched simultaneously. If this pattern is detected, a status bit is set and an interrupt is generated.
The CAP1298 has Active and Standby states, each with its own sensor input configuration controls. The Combo state
allows a combination of sensor input controls to be used which enables one or more sensor inputs to operate as buttons
while another sensor input is operating as a proximity detector. Power consumption in the Standby and Combo states
is dependent on the number of sensor inputs enabled as well as averaging, sampling time, and cycle time. Deep Sleep
is the lowest power state available, drawing 5µA (typical) of current. In this state, no sensor inputs are active, and com-
munications will wake the device.
The device communicates with a host controller using SMBus / I2C. The host controller may poll the device for updated
information at any time or it may configure the device to flag an interrupt whenever a touch is detected on any sensor
pad.
A typical system diagram is shown in Figure 4-1.
FIGURE 4-1:
SYSTEM DIAGRAM FOR CAP1298
CAP1298
CS7
Embedded
Controller
CS8
CS3
CS2
CS1
CS4
CS6
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
SG*
Proximity
Sensor
VDD
GND
3.0V to 5.5V
* CS5 / SG is a multi-function pin. If not
using the signal guard shown here, CS5
can be another touch button.
10kOhm
resistors
3.0V to 5.5V
1.0uF
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com