Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1298 Datasheet(PDF) 28 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 28 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 24Page - Microchip Technology CAP1298 Datasheet HTML 25Page - Microchip Technology CAP1298 Datasheet HTML 26Page - Microchip Technology CAP1298 Datasheet HTML 27Page - Microchip Technology CAP1298 Datasheet HTML 28Page - Microchip Technology CAP1298 Datasheet HTML 29Page - Microchip Technology CAP1298 Datasheet HTML 30Page - Microchip Technology CAP1298 Datasheet HTML 31Page - Microchip Technology CAP1298 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
CAP1298
DS00001571B-page 28
 2013-2015 Microchip Technology Inc.
APPLICATION NOTE: The C_GAIN[1:0] setting is only used if the COMBO bit is set. When the COMBO bit is set,
this control only applies to the sensors enabled in the Standby state, and the GAIN[1:0]
control applies to the sensors enabled in the Active state.
Bit 1 - COMBO - Enables Combo state (see Section 4.3.1.3, "Combo State Sensing Settings").
• ‘0’ (default) - The device is not in the Combo state.
• ‘1’ - The device is in the Combo state. The device is monitoring sensor inputs enabled in the Active state (see Sec-
tion 5.7, "Sensor Input Enable Register") as well as those enabled in the Standby state (see Section 5.21,
"Standby Channel Register"). The status registers will not be cleared until read. Sensor inputs that are no longer
sampled will flag a release and then remain in a non-touched state.
Bit 0 - INT - Indicates that there is an interrupt (see Section 4.9, "Interrupts"). When this bit is set, it asserts the ALERT#
pin. If a channel detects a touch but interrupts are not enabled for that channel (see Section 5.11, "Interrupt Enable Reg-
ister"), no action is taken. This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT# pin will be
deasserted, and all status registers will be cleared if the condition has been removed.
• ‘0’ - No interrupt pending.
• ‘1’ - An interrupt condition occurred, and the ALERT# pin has been asserted.
5.2
Status Registers
All status bits are cleared when the device enters Deep Sleep (DSLEEP = ‘1’ - see Section 5.1, "Main Control Register").
5.2.1
GENERAL STATUS - 02H
Bit 6 - BC_OUT - Indicates that the base count is out of limit for one or more enabled sensor inputs (see Section 4.4,
"Sensor Input Calibration"). This bit will not be cleared until all enabled sensor inputs have base counts within the limit.
• ‘0’ - All enabled sensor inputs have base counts in the operating range.
• ‘1’ - One or more enabled sensor inputs has the base count out of limit. A status bit is set in the Base Count Out of
Limit Register (see Section 5.17, "Base Count Out of Limit Register").
Bit 5 - ACAL_FAIL - Indicates analog calibration failure for one or more enabled sensor inputs (see Section 4.4, "Sensor
Input Calibration"). This bit will not be cleared until all enabled sensor inputs have successfully completed analog cali-
bration.
• ‘0’ - All enabled sensor inputs were successfully calibrated.
• ‘1’ - One or more enabled sensor inputs failed analog calibration. A status bit is set in the Calibration Active Regis-
ter (see Section 5.10.1, "Calibration Activate and Status Register").
Bit 4 - PWR - Indicates that the designated power button has been held for the designated time (see Section 4.6, "Power
Button"). This bit will cause the INT bit to be set. This bit is cleared when the INT bit is cleared if there is no longer a
touch on the power button.
• ‘0’ - The power button has not been held for the required time or is not enabled.
• ‘1’ - The power button has been held for the required time.
Bit 3 - RESET - Indicates that the device has come out of reset. This bit is set when the device exits a POR state. This
bit will cause the INT bit to be set and is cleared when the INT bit is cleared.
Bit 2 - MULT - Indicates that the device is blocking detected touches due to the Multiple Touch detection circuitry (see
Section 5.14, "Multiple Touch Configuration Register"). This bit will not cause the INT bit to be set and hence will not
cause an interrupt.
TABLE 5-5:
STATUS REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
General Status
-
BC_
OUT
ACAL
_FAIL
PWR
RESET
MULT
MTP
TOUCH
00h
03h
R
Sensor Input
Status
CS8
CS7
CS6
CS5
CS4
CS3
CS2
CS1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com