Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 21Page - Microchip Technology USB3613 Datasheet HTML 22Page - Microchip Technology USB3613 Datasheet HTML 23Page - Microchip Technology USB3613 Datasheet HTML 24Page - Microchip Technology USB3613 Datasheet HTML 25Page - Microchip Technology USB3613 Datasheet HTML 26Page - Microchip Technology USB3613 Datasheet HTML 27Page - Microchip Technology USB3613 Datasheet HTML 28Page - Microchip Technology USB3613 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001714A-page 25
6.2.1.2
I2C Master Access over USB
Access to I2C devices is performed as a pass-through operation from the USB Host. The device
firmware has no knowledge of the operation of the attached I2C device. The supported commands are:
Enable I2C pass through mode
Disable I2C pass through mode
I2C write
I2C read
Send I2C start
Send I2C stop
6.2.1.3
SPI Access over USB
Access to an attached SPI device is performed as a pass-through operation from the USB Host. The
device firmware has no knowledge of the operation of the attached SPI device. The supported
commands are:
Enable SPI pass through mode
Disable SPI pass through mode
SPI write
SPI read
Note: Refer to Section 7.1, "SPI Interface," on page 28 for additional information on the SPI interface.
6.2.1.4
OTP Access over USB
The OTP ROM in the device is accessible via the USB bus. All OTP parameters can modified via the
USB Host. The OTP operates in Single Ended mode. The supported commands are:
Enable OTP reset
Set OTP operating mode
Set OTP read mode
Program OTP
Get OTP status
Program OTP control parameters
6.2.1.5
Battery Charging Access over USB
The Battery charging behavior of the device can be dynamically changed by the USB Host when
something other than the preprogrammed or OTP programmed behavior is desired. The supported
commands are:
Enable/Disable battery charging
Upstream battery charging mode control
Downstream battery charging mode control
Battery charging timing parameters
Download custom battery charging algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com