Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 40Page - Microchip Technology USB3613 Datasheet HTML 41Page - Microchip Technology USB3613 Datasheet HTML 42Page - Microchip Technology USB3613 Datasheet HTML 43Page - Microchip Technology USB3613 Datasheet HTML 44Page - Microchip Technology USB3613 Datasheet HTML 45Page - Microchip Technology USB3613 Datasheet HTML 46Page - Microchip Technology USB3613 Datasheet HTML 47Page - Microchip Technology USB3613 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001714A-page 44
 2014 Microchip Technology Inc.
Chapter 9 Operational Characteristics
9.1
Absolute Maximum Ratings*
VBAT Supply Voltage (Note 9.1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +5.5 V
VDDCOREREG Supply Voltage (Note 9.1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +3.6 V
Positive voltage on input signal pins, with respect to ground (Note 9.2) . . . . . . . . . . . . . . . . . . . . 3.6 V
Negative voltage on input signal pins, with respect to ground (Note 9.3). . . . . . . . . . . . . . . . . . . -0.5 V
Positive voltage on REFCLK, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDDCR12
Positive voltage on HSIC signals, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.32 V
Positive voltage on USB DP/DM signals, with respect to ground (Note 9.4) . . . . . . . . . . . . . . . . . 5.5 V
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +150oC
Lead Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
HBM ESD Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .JEDEC Class 3A
Note 9.1
When powering this device from laboratory or system power supplies, it is important that
the absolute maximum ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when AC power is switched on or off. In
addition, voltage transients on the AC power line may appear on the DC output. If this
possibility exists, it is suggested to use a clamp circuit.
Note 9.2
This rating does not apply to the following signals: All USB DM/DP pins, REFCLK, and all
HSIC signals.
Note 9.3
This rating does not apply to the HSIC signals.
Note 9.4
This rating applies only when VDD33 is powered.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is
a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Functional operation of the device at any condition exceeding those indicated in
Section 9.2, "Operating Conditions**", Section 9.4, "DC Specifications", or any other applicable section
of this specification is not implied. Note, device signals are NOT 5 volt tolerant unless specified
otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com