Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 41Page - Microchip Technology USB3613 Datasheet HTML 42Page - Microchip Technology USB3613 Datasheet HTML 43Page - Microchip Technology USB3613 Datasheet HTML 44Page - Microchip Technology USB3613 Datasheet HTML 45Page - Microchip Technology USB3613 Datasheet HTML 46Page - Microchip Technology USB3613 Datasheet HTML 47Page - Microchip Technology USB3613 Datasheet HTML 48Page - Microchip Technology USB3613 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001714A-page 45
9.2
Operating Conditions**
VBAT Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.9 V to +5.5 V
VDDCOREREG Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 9.5
Power Supply Rise Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 9.6
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 9.7
Note 9.5
+1.6 V to +2.0 V when VDDCOREREG is connected to an external +1.8V power supply,
+3.0 V to +3.6 V when VDDCOREREG is connected to VDD33.
Note 9.6
The power supply rise time requirements vary dependent on the usage of the external
reset (RESET_N). If RESET_N is asserted at power-on, the power supply rise time must
be 10mS or less (tRT(max) = 10mS). If RESET_N is not used at power-on (tied high), the
power supply rise time must be 1mS or less (tRT(max) = 1mS). Higher voltage supplies must
always be at an equal or higher voltage than lower voltage supplies. Figure 9.1 illustrates
the supply rise time requirements.
Note 9.7
0oC to +70oC for commercial version, -40oC to +85oC for industrial version.
**Proper operation of the device is guaranteed only within the ranges specified in this section.
Figure 9.1 Single/Dual Supply Rise Time Models
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3V/VBAT
VSS
VBAT
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3V
VSS
VBAT
90%
100%
1.8V
VDDCOREREG
Single Supply Rise Time Model
Dual Supply Rise Time Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com