Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 46Page - Microchip Technology USB3613 Datasheet HTML 47Page - Microchip Technology USB3613 Datasheet HTML 48Page - Microchip Technology USB3613 Datasheet HTML 49Page - Microchip Technology USB3613 Datasheet HTML 50Page - Microchip Technology USB3613 Datasheet HTML 51Page - Microchip Technology USB3613 Datasheet HTML 52Page - Microchip Technology USB3613 Datasheet HTML 53Page - Microchip Technology USB3613 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001714A-page 50
 2014 Microchip Technology Inc.
9.5.2
Reset and Configuration Strap Timing
Figure 9.3 illustrates the RESET_N timing requirements and its relation to the configuration strap
signals. Assertion of RESET_N is not a requirement. However, if used, it must be asserted for the
minimum period specified.
Refer to Section 8.3, "Resets," on page 40 for additional information on resets. Refer to Section 6.3,
"Device Configuration Straps," on page 26 for additional information on configuration straps.
9.5.3
USB Timing
All device USB signals conform to the voltage, power, and timing characteristics/specifications as set
forth in the Universal Serial Bus Specification. Please refer to the Universal Serial Bus Specification,
Revision 2.0, available at http://www.usb.org.
9.5.4
HSIC Timing
All device HSIC signals conform to the voltage, power, and timing characteristics/specifications as set
forth in the High-Speed Inter-Chip USB Electrical Specification. Please refer to the High-Speed Inter-
Chip USB Electrical Specification, Version 1.0, available at http://www.usb.org.
9.5.5
SMBus Timing
All device SMBus signals conform to the voltage, power, and timing characteristics/specifications as
set forth in the System Management Bus Specification. Please refer to the System Management Bus
Specification, Version 1.0, available at http://smbus.org/specs.
9.5.6
I2C Timing
All device I2C signals conform to the 100KHz Standard Mode (Sm) voltage, power, and timing
characteristics/specifications as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus
Specification, available at http://www.nxp.com.
Figure 9.3 RESET_N Configuration Strap Timing
Table 9.6 RESET_N Configuration Strap Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
trstia
RESET_N input assertion time
5
us
tcsh
Configuration strap hold after RESET_N deassertion
1
ms
RESET_N
Configuration
Straps
trstia
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com