Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 10Page - Microchip Technology USB3613 Datasheet HTML 11Page - Microchip Technology USB3613 Datasheet HTML 12Page - Microchip Technology USB3613 Datasheet HTML 13Page - Microchip Technology USB3613 Datasheet HTML 14Page - Microchip Technology USB3613 Datasheet HTML 15Page - Microchip Technology USB3613 Datasheet HTML 16Page - Microchip Technology USB3613 Datasheet HTML 17Page - Microchip Technology USB3613 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001714A-page 14
 2014 Microchip Technology Inc.
1
Suspend
Output
SUSPEND
PU
This signal is used to indicate that the entire hub
has entered the USB suspend state and that
VBUS current consumption should be reduced in
accordance with the USB specification. Refer to
Section 8.7, "Suspend (SUSPEND)," on page 42
for additional information.
Note:
SUSPEND must be enabled via the
Protouch configuration tool.
Interrupt
Request Input
IRQ_N
IS
This active-low signal allows external hardware to
interrupt the device. Refer to Section 8.8,
"Interrupt Requests (IRQ_N)," on page 43 for
additional information.
Interrupt
Output
INT_N
OD8
This active-low signal allows the device to output
an interrupt to external hardware. Refer to
Section 8.9, "Interrupt Output (INT_N)," on
page 43 for additional information.
1
USB Port
Control
PRTCTLA
OD8/IS
(PU)
This pin functions as both the downstream USB
port power enable output (PRTPWRA) and the
downstream USB port over-current sense input
(OCSA_N).
POWER
1
Battery
Power Supply
Input
VBAT
P
Battery power supply input. When VBAT is
connected directly to a +3.3V supply from the
system, the internal +3.3V regulator runs in
dropout and regulator power consumption is
eliminated. A 4.7
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The
capacitor should be placed as close as possible
to the device. Refer to Chapter 4, "Power
Connections," on page 17 for power connection
information.
1
+3.3V Power
Supply
VDD33
P
+3.3V power supply. A 1.0
μF (<1
Ω ESR)
capacitor to ground is required for regulator
stability. The capacitor should be placed as close
as possible to the device. Refer to Chapter 4,
"Power Connections," on page 17 for power
connection information.
1
+1.8-3.3V
Core Power
Supply Input
VDDCOREREG
P
+1.8-3.3V core power supply input to internal
+1.2V regulator. This pin may be connected to
VDD33 for single supply applications when VBAT
equals +3.3V. Running in a dual supply
configuration with VDDCOREREG at a lower
voltage, such as +1.8V, may reduce overall
system power consumption. Refer to Chapter 4,
"Power Connections," on page 17 for power
connection information.
1
+1.2V Core
Power Supply
VDDCR12
P
+1.2V core power supply. A 1.0
μF (<1
Ω ESR)
capacitor to ground is required for regulator
stability. The capacitor should be placed as close
as possible to the device. Refer to Chapter 4,
"Power Connections," on page 17 for power
connection information.
Table 3.1 Ball Descriptions (continued)
NUM
BALLS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com