Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 8Page - Microchip Technology USB3613 Datasheet HTML 9Page - Microchip Technology USB3613 Datasheet HTML 10Page - Microchip Technology USB3613 Datasheet HTML 11Page - Microchip Technology USB3613 Datasheet HTML 12Page - Microchip Technology USB3613 Datasheet HTML 13Page - Microchip Technology USB3613 Datasheet HTML 14Page - Microchip Technology USB3613 Datasheet HTML 15Page - Microchip Technology USB3613 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001714A-page 12
 2014 Microchip Technology Inc.
I2C/SMBUS INTERFACE
1
I2C Serial
Clock Input
SCL
I_SMB
I2C serial clock input.
SMBus Clock
SMBCLK
I_SMB
SMBus serial clock input.
1
I2C Serial
Data
SDA
IS/OD8
I2C bidirectional serial data.
SMBus Serial
Data
SMBDATA
IS/OD8
SMBus bidirectional serial data.
SPI MASTER INTERFACE
1
SPI Chip
Enable
Output
SPI_CE_N
O12
Active-low SPI chip enable output.
Note:
If the SPI is enabled, this pin will be
driven high in powerdown states.
1
SPI Clock
Output
SPI_CLK
O12
SPI clock output
1
SPI Data
Output
SPI_DO
O12
SPI data output
SPI Speed
Select
Configuration
Strap
SPI_SPD_SEL
IS
(PD)
This strap is used to select the speed of the SPI.
0 = 30MHz (default)
1 = 60MHz
Note:
If the latched value on reset is 1, this pin
is tri-stated when the chip is in the
suspend state. If the latched value on
reset is 0, this pin is driven low during a
suspend state.
See Note 3.2 for more information on
configuration straps.
1
SPI Data
Input
SPI_DI
IS
(PD)
SPI data input
MISC.
1
Reference
Clock Input
REFCLK
ICLK
This signal is the reference clock input. The clock
input frequency is configured via REFSEL[1:0].
Refer to Section 8.4, "Reference Clock," on
page 41 for additional information.
1
Reference
Clock Select
0 Input
REFSEL0
IS
This signal, combined with REFSEL1, selects the
reference clock input frequency. The reference
select input must be set to correspond to the
frequency applied to the REFCLK input. Refer to
Section 8.4, "Reference Clock," on page 41 for
additional information.
Table 3.1 Ball Descriptions (continued)
NUM
BALLS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com