Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 23Page - Microchip Technology USB3613 Datasheet HTML 24Page - Microchip Technology USB3613 Datasheet HTML 25Page - Microchip Technology USB3613 Datasheet HTML 26Page - Microchip Technology USB3613 Datasheet HTML 27Page - Microchip Technology USB3613 Datasheet HTML 28Page - Microchip Technology USB3613 Datasheet HTML 29Page - Microchip Technology USB3613 Datasheet HTML 30Page - Microchip Technology USB3613 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001714A-page 27
"Ball Descriptions," on page 10 and are identified by an underlined symbol name. The following sub-
sections detail the various configuration straps.
Configuration straps include internal resistors in order to prevent the signal from floating when
unconnected. If a particular configuration strap is connected to a load, an external pull-up or pull-down
should be used to augment the internal resistor to ensure that it reaches the required voltage level
prior to latching. The internal resistor can also be overridden by the addition of an external resistor.
Note: The system designer must guarantee that configuration straps meet the timing requirements
specified in Section 9.5.2, "Reset and Configuration Strap Timing," on page 50 and Section
9.5.1, "Power-On Configuration Strap Valid Timing," on page 49. If configuration straps are not
at the correct voltage level prior to being latched, the device may capture incorrect strap
values.
Note: Configuration straps must never be driven as inputs. If required, configuration straps can be
augmented, or overridden with external resistors.
6.3.1
SPI Speed Select (SPI_SPD_SEL)
This strap is used to select the speed of the SPI as follows:
Note: If the latched value on reset is 1, this pin is tri-stated when the chip is in the suspend state. If
the latched value on reset is 0, this pin is driven low during a suspend state.
Table 6.1 SPI_SPD_SEL Configuration Definitions
SPI_SPD_SEL
DEFINITION
‘0’
30 MHz SPI Operation (Default)
‘1’
60 MHz SPI Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com