Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 37Page - Microchip Technology USB3613 Datasheet HTML 38Page - Microchip Technology USB3613 Datasheet HTML 39Page - Microchip Technology USB3613 Datasheet HTML 40Page - Microchip Technology USB3613 Datasheet HTML 41Page - Microchip Technology USB3613 Datasheet HTML 42Page - Microchip Technology USB3613 Datasheet HTML 43Page - Microchip Technology USB3613 Datasheet HTML 44Page - Microchip Technology USB3613 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001714A-page 41
Note: All power supplies must have reached the operating levels mandated in Section 9.2, "Operating
Conditions**," on page 45, prior to (or coincident with) the assertion of RESET_N.
8.3.3
USB Bus Reset
In response to the upstream port signaling a reset to the device, the device performs the following:
Note: The device does not propagate the upstream USB reset to downstream devices.
1. Sets default address to 0.
2. Sets configuration to: Unconfigured.
3. Moves device from suspended to active (if suspended).
4. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the
reset sequence.
The host then configures the device in accordance with the USB Specification.
8.4
Reference Clock
The device’s reference clock (REFCLK) input can be driven with a square wave from 0V to VDD33
and is compatible with several different reference frequencies as shown in Table 8.4. The REFSEL[1:0]
inputs must be configured to select the default input reference clock frequency that matches the clock
frequency applied to REFCLK. The REFSEL[1:0] inputs are latched upon entering the HUB.config
stage and are ignored afterward. REFSEL[1:0] settings are provided in Table 8.4.
Note: The frequencies shown for each REFSEL[1:0] combination in Table 8.4 are the default values.
The frequencies associated with each specific REFSEL[1:0] value can be customized to
support other frequencies. Refer to the Pro-Touch Configuration Tool documentation for
additional information.
Table 8.4 Default Reference Clock Frequencies
REFSEL[1:0]
FREQUENCY (MHz)
‘00’
38.4
‘01’
26.0
‘10’
19.2
‘11’
12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com