Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 30Page - Microchip Technology USB3613 Datasheet HTML 31Page - Microchip Technology USB3613 Datasheet HTML 32Page - Microchip Technology USB3613 Datasheet HTML 33Page - Microchip Technology USB3613 Datasheet HTML 34Page - Microchip Technology USB3613 Datasheet HTML 35Page - Microchip Technology USB3613 Datasheet HTML 36Page - Microchip Technology USB3613 Datasheet HTML 37Page - Microchip Technology USB3613 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001714A-page 34
 2014 Microchip Technology Inc.
write operation. Where color is visible in the figure, blue indicates signaling from the I2C master, and
gray indicates signaling from the slave.
In this operation, following the 7-bit slave address, the 8-bit register address is written indicating the
start address for sequential write operation. Every subsequent access is a data write to a data register,
where the register address increments after each access and an ACK from the slave occurs.
Sequential write access is terminated by a Stop condition.
7.2.1.2
Sequential Access Reads
The I2C interface supports direct reading of the device registers. In order to read one or more register
addresses, the starting address must be set by using a write sequence followed by a read. The read
register interface supports auto-increment mode. The master must send a NACK instead of an ACK
when the last byte has been transferred.
In this operation, following the 7-bit slave address, the 8-bit register address is written indicating the
start address for the subsequent sequential read operation. In the read sequence, every data access
is a data read from a data register where the register address increments after each access. The write
sequence can end with optional Stop (P). If so, the read sequence must begin with a Start (S).
Otherwise, the read sequence must start with a Repeated Start (Sr).
Figure 7.8 shows the format of the read operation. Where color is visible in the figure, blue and gold
indicate signaling from the I2C master, and gray indicates signaling from the slave.
Figure 7.7 I2C Sequential Access Write Format
Figure 7.8 I2C Sequential Access Read Format
S
7-Bit Slave Address
0
P
A
nnnnnnnn
Data value for
XXXXXX
...
nnnnnnnn
A
Data value for
XXXXXX + y
A
xxxxxxxx
A
Register
Address
(bits 7-0)
S
7-Bit Slave Address
1
n n n n n n n n
P
ACK
ACK
Register value
for xxxxxxxx
n n n n n n n n
ACK
Register value
for xxxxxxxx + 1
...
n n n n n n n n
NACK
If previous write setting up
Register address ended with a
Stop (P), otherwise it will be
Repeated Start (Sr)
Register value
for xxxxxxxx + y
S
7-Bit Slave Address
0
P
A
xxxxxxxx
A
Register
Address
(bits 7-0)
Optional. If present, Next
access must have Start(S),
otherwise Repeat Start (Sr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com