Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 1 Page - Microchip Technology

  USB3613 Datasheet HTML 1Page - Microchip Technology USB3613 Datasheet HTML 2Page - Microchip Technology USB3613 Datasheet HTML 3Page - Microchip Technology USB3613 Datasheet HTML 4Page - Microchip Technology USB3613 Datasheet HTML 5Page - Microchip Technology USB3613 Datasheet HTML 6Page - Microchip Technology USB3613 Datasheet HTML 7Page - Microchip Technology USB3613 Datasheet HTML 8Page - Microchip Technology USB3613 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
 2014 Microchip Technology Inc.
DS00001714A-page 1
Datasheet
PRODUCT FEATURES
USB3613
USB 2.0 Hi-Speed 3-Port Hub Controller
Optimized for Portable Applications
Highlights
Hub Controller IC with 3 downstream ports
High-Speed Inter-Chip (HSIC) support
—
HSIC upstream port
—
1 downstream HSIC port
USB-IF Battery Charger revision 1.2 support on up &
downstream ports (DCP, CDP, SDP)
Battery charging support for Apple® devices
FlexConnect: Downstream port 1 able to swap with
upstream port, allowing master capable devices to
control other devices on the hub
USB to I2CTM/SPI bridge endpoint support
USB Link Power Management (LPM) support
SUSPEND pin for remote wakeup indication to host
Vendor Specific Messaging (VSM) support
Enhanced OEM configuration options available
through OTP or SMBus Slave Port
Flexible power rail support
—
VBUS or VBAT only operation
—
3.3V only operation
—
VBAT + 1.8V operation
—
3.3V + 1.8V operation
30-ball (2.9x2.5mm) WLCSP, RoHS compliant
package
Target Applications
Mobile phones
Tablets
Ultrabooks
Digital still cameras
Digital video camcorders
Gaming consoles
PDAs
Portable media players
GPS personal navigation devices
Media players/viewers
Additional Features
MultiTRAKTM
—
Dedicated Transaction Translator per port
PortMap
—
Configurable port mapping and disable sequencing
PortSwap
—
Configurable differential intra-pair signal swapping
PHYBoostTM
—
Programmable USB transceiver drive strength for
recovering signal integrity
VariSenseTM
—
Programmable USB receiver sensitivity
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
Built-in Self-Powered or Bus-Powered internal default
settings provide flexibility in the quantity of USB
expansion ports utilized without redesign
Supports “Quad Page” configuration OTP flash
—
Four consecutive 200 byte configuration pages
Fully integrated USB termination and Pull-up/Pull-
down resistors
On-chip Power On Reset (POR)
Internal 3.3V and 1.2V voltage regulators
On Board 24MHz Crystal Driver, Resonator, or
External 24MHz clock input
Environmental
—
Commercial temperature range support (0ºC to 70ºC)
—
Industrial temperature range support (-40ºC to 85ºC)


Similar Part No. - USB3613

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3613 SMSC-USB3613 Datasheet
878Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
USB3613-1080XY SMSC-USB3613-1080XY Datasheet
878Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
USB3613-1080XY-TR SMSC-USB3613-1080XY-TR Datasheet
878Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
USB3613I-1080XY SMSC-USB3613I-1080XY Datasheet
878Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
USB3613I-1080XY-TR SMSC-USB3613I-1080XY-TR Datasheet
878Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
More results

Similar Description - USB3613

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com