Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 47 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 43Page - Microchip Technology USB3613 Datasheet HTML 44Page - Microchip Technology USB3613 Datasheet HTML 45Page - Microchip Technology USB3613 Datasheet HTML 46Page - Microchip Technology USB3613 Datasheet HTML 47Page - Microchip Technology USB3613 Datasheet HTML 48Page - Microchip Technology USB3613 Datasheet HTML 49Page - Microchip Technology USB3613 Datasheet HTML 50Page - Microchip Technology USB3613 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001714A-page 47
9.3.2.2
Dual Supply
The following table details the device power consumption when configured with a dual supply (VBAT
and 1.8V VDDCOREREG) For additional information on power connections, refer to Chapter 4, "Power
Connections," on page 17.
Note: Typical values measured with VBAT = 4.2V, VDDCOREREG = 1.8V. Maximum values
measured with VBAT = 5.5V, VDDCOREREG = 2.0V.
Table 9.3 Dual Supply Suspend/Standby Power Consumption
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVDDCOREREG
90
850
1300
uA
IVBAT
30
1350
1350
uA
Standby
IVDDCOREREG
0.1
1.2
2.0
uA
IVBAT
0.2
2.1
2.5
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com