Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3613 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB3613 Datasheet HTML 42Page - Microchip Technology USB3613 Datasheet HTML 43Page - Microchip Technology USB3613 Datasheet HTML 44Page - Microchip Technology USB3613 Datasheet HTML 45Page - Microchip Technology USB3613 Datasheet HTML 46Page - Microchip Technology USB3613 Datasheet HTML 47Page - Microchip Technology USB3613 Datasheet HTML 48Page - Microchip Technology USB3613 Datasheet HTML 49Page - Microchip Technology USB3613 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001714A-page 46
 2014 Microchip Technology Inc.
9.3
Power Consumption
This section details the power consumption of the device as measured during various modes of
operation. Power dissipation is determined by temperature, supply voltage, and external source/sink
requirements.
9.3.1
Operational / Unconfigured
9.3.2
Suspend / Standby
9.3.2.1
Single Supply
The following table details the device power consumption when configured with a single VBAT supply
For additional information on power connections, refer to Chapter 4, "Power Connections," on page 17.
Note: Typical values measured with VBAT = 4.2V. Maximum values measured with VBAT = 5.5V.
Table 9.1 Operational/Unconfigured Power Consumption
TYPICAL (mA)
MAXIMUM (mA)
VBAT
VDDCOREREG
VBAT
VDDCOREREG
HS Host / 1 HSIC Device
10
25
10
30
HS Host / 1 HS Devices
20
30
25
35
HS Host / 2 HS Devices
45
40
50
45
HS Host / 1 HSIC, 2 HS Devices
45
45
55
55
HS Host / 1 FS Device
10
25
15
30
HS Host / 2 FS Devices
20
25
25
35
HS Host / 1HSIC, 2 FS Devices
15
30
20
40
Unconfigured
10
20
-
-
Table 9.2 Single Supply Suspend/Standby Power Consumption
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
300
1200
1550
uA
Standby
IVBAT
0.2
1.9
2.2
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com