Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 52 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 52 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 48Page - STMicroelectronics A6985F5V Datasheet HTML 49Page - STMicroelectronics A6985F5V Datasheet HTML 50Page - STMicroelectronics A6985F5V Datasheet HTML 51Page - STMicroelectronics A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics A6985F5V Datasheet HTML 54Page - STMicroelectronics A6985F5V Datasheet HTML 55Page - STMicroelectronics A6985F5V Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Application notes
A6985F
52/77
DocID027738 Rev 2
As anticipated above, in SLAVE mode the internal oscillator operates at 250 kHz typ. but the
slope compensation is dimensioned accordingly with FSW resistors so, even if the A6985F
supports synchronization over the 275 kHz - 2 MHz frequency range, it is important to limit
the switching operation around a working point close to the selected frequency (FSW
resistor).
As a consequence, to guarantee the full output current capability and to prevent the
subharmonic oscillations the master must limit the driving frequency range within ± 20% of
the selected frequency.
A wider frequency range may generate subharmonic oscillation for duty > 50% or limit the
peak current capability (see IPK parameter in Table 5 on page 8) since the internal slope
compensation signal may be saturated.
7.6
Design of the power components
7.6.1
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage
of the application. During the switching activity a pulsed current flows into the input capacitor
and so its RMS current capability must be selected accordingly with the application
conditions. Internal losses of the input filter depends on the ESR value so usually low ESR
capacitors (like multilayer ceramic capacitors) have higher RMS current capability. On the
other hand, given the RMS current value, lower ESR input filter has lower losses and so
contributes to higher conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 44
Where IOUT is the maximum DC output current, D is the duty cycles, is the efficiency. This
function has a maximum at D = 0.5 and, considering
 = 1, it is equal to IOUT/2.
In a specific application the range of possible duty cycles has to be considered in order to
find out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 45
Equation 46
Where
VHIGH_SIDE and VLOW_SIDE are the voltage drops across the embedded switches.
IRMS
IOUT
1
D
----
–

 D
----
=
DMAX
VOUT VLOWSIDE
+
VINMIN VLOWSIDE VHIGHSIDE
–
+
------------------------------------------------------------------------------------------------
=
DMIN
VOUT VLOWSIDE
+
VINMAX VLOWSIDE VHIGHSIDE
–
+
--------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com