Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 51 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 51 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 47Page - STMicroelectronics A6985F5V Datasheet HTML 48Page - STMicroelectronics A6985F5V Datasheet HTML 49Page - STMicroelectronics A6985F5V Datasheet HTML 50Page - STMicroelectronics A6985F5V Datasheet HTML 51Page - STMicroelectronics A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics A6985F5V Datasheet HTML 54Page - STMicroelectronics A6985F5V Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
DocID027738 Rev 2
51/77
A6985F
Application notes
77
Figure 39. Slave to master mode transition
The external master can force a latched SLAVE mode driving the SYNCH pin low at power-
up, before the soft-start starts the switching activity. So the oscillator frequency is 250 kHz
typ. fixed until a new UVLO event is triggered regardless FSW resistor value, that otherwise
counts to design the slope compensation. The same considerations above are also valid.
The master driving capability must be able to provide the proper signal levels at the SYNCH
pin (see Table 5 on page 8 - Synchronization section):
 Low level < VSYN THL= 0.7 V sinking 5 mA
 High level > VSYN THH = 1.2 V sourcing 0.7 mA
Figure 40. Master driving capability to synchronize the A6985F
250kHz typ.
SLAVE mode
stand alone operation at nominal fsw
SYNCH signal
switching node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com