Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 50 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 50 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 46Page - STMicroelectronics A6985F5V Datasheet HTML 47Page - STMicroelectronics A6985F5V Datasheet HTML 48Page - STMicroelectronics A6985F5V Datasheet HTML 49Page - STMicroelectronics A6985F5V Datasheet HTML 50Page - STMicroelectronics A6985F5V Datasheet HTML 51Page - STMicroelectronics A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics A6985F5V Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Application notes
A6985F
50/77
DocID027738 Rev 2
accordingly with the frequency of the synchronization signal. The slope compensation
contribution is latched at power-up and so fixed during the device operation.
The A6985F normally operates in MASTER mode, driving the SYNCH line at the selected
oscillator frequency as shown in Figure 35 and Figure 36.
In SLAVE mode the A6985F sets the internal oscillator at 250 kHz typ. (see Table 6 on
page 11 - first row) and drives the line accordingly.
Figure 38. A6985F synchronization driving capability
In order to safely guarantee that each regulator recognizes itself in SLAVE mode during the
normal operation, the external master must drive the SYNCH pin with a clock signal
frequency higher than the maximum oscillator spread (refer to Table 6) for at least 10
internal clock cycles.
For example: selecting RFSW = 0 W to GND
the device enters in slave mode after 10 pulses at frequency higher than 550 kHz and so it
is able to synchronize to a clock signal in the range 275 kHz - 2 MHz (see Figure 37).
Anyway it is suggested to limit the frequency range within ± 20% fSW resistor nominal
frequency (see details in text below). If not spread spectrum is required, all the regulators
synchronize to a frequency higher to the maximum oscillator spread (550 kHz in the
example).
The device keeps operating in slave mode as far as the master is able to drive the SYNCH
pin faster than 275 kHz (maximum oscillator spread for 250 kHz oscillator), otherwise it goes
back into MASTER mode at the nominal oscillator frequency after successfully driving one
pulse at 250 kHz (see Figure 39) in the SYNCH line.
Table 12. Example of oscillator frequency selection from Table 6
Symbol
RVCC (E24 series)
RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0
450
500
550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com