Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 12 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 8Page - STMicroelectronics A6985F5V Datasheet HTML 9Page - STMicroelectronics A6985F5V Datasheet HTML 10Page - STMicroelectronics A6985F5V Datasheet HTML 11Page - STMicroelectronics A6985F5V Datasheet HTML 12Page - STMicroelectronics A6985F5V Datasheet HTML 13Page - STMicroelectronics A6985F5V Datasheet HTML 14Page - STMicroelectronics A6985F5V Datasheet HTML 15Page - STMicroelectronics A6985F5V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
Electrical characteristics
A6985F
12/77
DocID027738 Rev 2
TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.
Table 8. LNM / LCM selection (A6985F5V)
TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.
Table 9. LNM / LCM selection table (A6985F)
Symbol
RVCC
(E24 1%)
RGND
(E24 1%)
Operating
mode
VRST/VOUT
(tgt. value)
VRST
min.
VRST
typ.
VRST
max.
Unit
VRST
0
NC
LCM
93%
4.557
4.650
4.743
V
8.2 k
NC
80%
3.920
4.000
4.080
18 k
NC
87%
4.263
4.350
4.437
39 k
NC
96%
4.704
4.800
4.896
NC
0
LNM
93%
4.557
4.650
4.743
NC
8.2 k
80%
3.920
4.000
4.080
NC
18 k
87%
4.263
4.350
4.437
NC
39 k
96%
4.704
4.800
4.896
Symbol
RVCC
(E24 1%)
RGND
(E24 1%)
Operating
mode
VRST/VOUT
(tgt. value)
VRST
min.
VRST
typ.
VRST
max.
Unit
VRST
0
NC
LCM
93%
0.779
0.791
0.802
V
8.2 k
NC
80%
0.670
0.680
0.690
18 k
NC
87%
0.728
0.740
0.751
39 k
NC
96%
0.804
0.816
0.828
NC
0
LNM
93%
0.779
0.791
0.802
NC
8.2 k
80%
0.670
0.680
0.690
NC
18 k
87%
0.728
0.740
0.751
NC
39 k
96%
0.804
0.816
0.828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com